Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PET3-243R3E41LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PET3-243R3E41LF
Description  1.5 or 3.5 KV DC I/O Isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PET3-243R3E41LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PET3-243R3E41LF Datasheet HTML 1Page - PEAK electronics GmbH PET3-243R3E41LF Datasheet HTML 2Page - PEAK electronics GmbH PET3-243R3E41LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMJ-Series – PET3-xxxxE/Z4:1(H35)(M)LF – Single and Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
PET3-xxxxE/Z4:1(H35)(M)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
4:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current¹
35 mA pk-pk
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (automatic recovery)
Line Regulation
± 0.5%
Load Regulation
± 0.5% / ± 1.5% (only 3.3 / ±3.3 Vout Models)
Ripple and Noise (20Mhz bandwidth)
60 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC (3500 VDC optional)*
I/O Isolation Capacity
470 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency (typical)
266 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic
Nickel Coated Copper **
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 13.5g, typ. (~ 17g metal case**)
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMJ series PET3-xxxxE/Z4:1(H35)LF is a family of cost effective 3W
single & dual output DC-DC converters with an ultra wide input Voltage of
4:1. These converters are encapsulated in an ultra miniature DIP24 plastic
or metal case. High performance features: 1500VDC up to 3500VDC
input/output isolation, high efficiency operation, output voltage accuracy of
±1% maximum, wide input range 2:1 and low output ripple and noise.
PMJ-SERIES
3 Watt
4:1 Wide Input
Regulated
DIP24 Plastic (Metal)** Case
1.5 or 3.5 KV DC I/O Isolation
SINGLE and DUAL Output
Continuous Short Circuit Prot.
Rev.07-2010


Similar Part No. - PET3-243R3E41LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PET ETC-PET Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
PET-1.2 ETC-PET-1.2 Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
PET-10 ETC-PET-10 Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
logo
Micro Electronics
PET-1823 MICRO-ELECTRONICS-PET-1823 Datasheet
405Kb / 2P
   MODEM TRANSFORMER
PET-1825 MICRO-ELECTRONICS-PET-1825 Datasheet
405Kb / 2P
   MODEM TRANSFORMER
More results

Similar Description - PET3-243R3E41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSD1-B-3R305Z PEAK-PSD1-B-3R305Z Datasheet
350Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD1-A-3R33R3E PEAK-PSD1-A-3R33R3E Datasheet
387Kb / 3P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-053R3E PEAK-PSD2-A-053R3E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
P15VG-123R3E21LF PEAK-P15VG-123R3E21LF Datasheet
154Kb / 4P
   1.6 kV DC I/O Isolation
P14SG-053R3ELF PEAK-P14SG-053R3ELF Datasheet
149Kb / 3P
   1 - 6 kV DC I/O Isolation
P8TG-123R3E21H35 PEAK-P8TG-123R3E21H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8TG-123R3Z21H35 PEAK-P8TG-123R3Z21H35 Datasheet
213Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3E41H35 PEAK-P8TG-243R3E41H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8TG-243R3E41H35M PEAK-P8TG-243R3E41H35M Datasheet
227Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com