Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2700EFAJOFL-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # CJ2700EFAJOFL-PF
Description  7.0 x 5.0mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CJ2700EFAJOFL-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  CJ2700EFAJOFL-PF Datasheet HTML 1Page - Advanced Crystal Technology CJ2700EFAJOFL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
752 SMX‐2 Series
RoHS & REACH compliant
Wide frequency range 
Excellen stability range
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency Range
F_nom  6.0MHz ~ 125.0MHz
 
 Frequency Tolerance
F_tol  ±30.0ppm ~ ±50.0ppm 
 Frequency stability over operating  temperature range
F_stb  ±10.0ppm ~ ±50.0ppm   Table 2
 Operating Temperature Range 
T_use  0°C ~ +50°C to ‐40°C ~ +85°C
  Table 2
 Storage temperature 
T_stg  ‐40°C ~ +85°C
 Load capacitance
CL
 8.0pF ~ 30.0pF, series
 Equivalent  Series Resistance
ESR  Table 1
 Shunt capacitance
C0  5.0pF max
 Drive level
DL  300μW max
  
 Frequency Aging
F_age  ±5.0ppm / year max
  
 Moisture sensitivity level
MSL  1 (unlimited)
 Electrostatic discharge
ESD  Not applicable
 Insulation resistance
IR
 500MΩ min
  At 100V DC
 Table 1. Frequency range (MHz) vs ESR
6.0MHz ~ 8.000MHz (Fundamental)
150Ω
8.0MHz ~ 9.000MHz (Fundamental)
100Ω
9.0MHz ~ 10.000MHz (Fundamental)
60Ω
10.0MHz ~ 11.000MHz (Fundamental)
50Ω
11.0MHz ~ 13.000MHz (Fundamental)
40Ω
13.0MHz ~ 50.000MHz (Fundamental)
30Ω
26.0MHz ~ 125.000MHz (3  overtone)
100Ω
 Table 2 Frequency Stability vs Temperature
 Temp. (°C)
 stability in ppm
±10
±15
±20
±30
±50
±100
 0°C ~ 50°C 
√√√
√√√
‐10°C ~ 60°C 
√√√
‐20°C ~ 70°C 
√√√
‐40°C ~ 85°C 
√√√
7.0 x 5.0mm Crystal unit
 Dimensions (mm)
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
7.0±0.2
1
2
4.5
1.15
1.55
5.65


Similar Part No. - CJ2700EFAJOFL-PF

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
logo
Pepperl+Fuchs Inc.
CJ2-18GK-N PF-CJ2-18GK-N Datasheet
240Kb / 2P
   Capacitive sensor
logo
American Accurate Compo...
CJ201003DB AAC-CJ201003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DK AAC-CJ201003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DM AAC-CJ201003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CJ2700EFAJOFL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
   Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
logo
Abracon Corporation
ABMMC2 ABRACON-ABMMC2 Datasheet
1Mb / 2P
   7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
08.20.10
logo
Pericom Semiconductor C...
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Diodes Incorporated
NX703 DIODES-NX703 Datasheet
649Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751 Datasheet
576Kb / 6P
   7.0 x 5.0mm High Frequency SM Crystal with Tight Specifications
logo
Pericom Semiconductor C...
FNA000073 PERICOM-FNA000073 Datasheet
252Kb / 3P
   FN Series Crystal Clock Oscillator (XO) Legacy S1613 Series 7.0 x 5.0mm
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com