Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW2700GGLGOFL-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # CW2700GGLGOFL-PF
Description  2.5 x 2.0mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CW2700GGLGOFL-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  CW2700GGLGOFL-PF Datasheet HTML 1Page - Advanced Crystal Technology CW2700GGLGOFL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2205 SMX‐4 Series
 RoHS & REACH compliant
 Small package size
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range
F_nom  12.0MHz ~ 62.5MHz
 Fundamental
 Frequency tolerance
F_tol  ±10.0ppm ~ ±50.0ppm 
 Frequency stability over operating temperature range
F_stb  ±10.0ppm ~ ±50.0ppm   Table 2
 Operating temperature range 
T_use  ‐20°C ~ +70°C, ‐30°C  ~ +85°C, ‐40°C ~ +85°C
  Table 2
 Storage temperature 
T_stg  ‐55°C ~ +125°C
 Load capacitance
CL
  8.0pF ~ 16.0pF
 Equivalent series resistance
ESR   Table 1
 Shunt capacitance
C0   3.0pF max
 Drive level
DL   100μW max
  50μW typical
 Frequency aging
F_age   ±2.0ppm at 25°C, 1  Year
  For ±1.0ppm please enquire
 Moisture sensitivity level
MSL   1 (unlimited)
 Electrostatic discharge
ESD   Not applicable
 Insulation resistance
IR
  500MΩ min
  At 100V DC
 Table 1. Frequency range (MHz) vs ESR
12.0MHz ~ 15.999MHz
200Ω
16.0MHz ~ 19.999MHz
100Ω
20.0MHz ~ 25.999MHz
80Ω
26.0MHz ~ 62.500MHz
50Ω
 Table 2. Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±10
±15
±20
±30
±50
 ‐20°C ~ 70°C 
√√√√
‐30°C ~ 85°C 
√√√√
‐40°C ~ 85°C 
Enquire
√√√√
2.5 x 2.0mm Crystal unit
 Dimensions (mm)
Part number generation
CW
2700
G
K
L
GO
F
L
‐PF
ACT
Series
Code
Frequency
(MHz)
 Frequency 
Tolerance 
(±ppm)
Frequency 
stability over 
temperature 
range (±ppm)
Operating 
Temperature 
Range (°C)  
Load 
capacitance   
(CL ‐pF)
Frequency
 Mode
Packaging      
(Tape & Reel)
Frequency 
aging
RoHS
CW
8MHz = 0800
27MHz = 2700
Note: Use the first 4 
characters of the 
frequency in Hz i.e.      
27MHz =27000000Hz  
If the frequency is 
100MHz or higher then 
the first 5 characters 
are used
±10 = E
±15 = F
±20 = G
±30 = I
±50 = L
±10 = F
±15 = G
±20 = I
±30 = K
±50 = O
 ‐20 ~ +70 = G
‐30 ~ +85 = L
 ‐40 ~ +85 = M
8 = GO
9 = JO
10 = KO
11 = MO
12 = OO
13 = YO
14 = ZO
15 = PO
16 = RO
Fundamental
 = 
F
Loose  = L   
3000pcs = D  
Standard       
±2ppm = leave 
blank for 
standard 
aging
Non standard 
±1ppm = 1 
 
RoHS
 =
 ‐pF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : CW2700GKLGOFL‐PF [27.000MHz] , CW2457GKLGOFL‐PF [24.576MHz]
2.5±0.1
0.80
0.90
0.85
0.50
1
2
3
4
1
2
3
4
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - CW2700GGLGOFL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
CW2700-RF-GOMGOEFD-PF ACT-CW2700-RF-GOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-GOMGOEFL-PF ACT-CW2700-RF-GOMGOEFL-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-JOMGOEFD-PF ACT-CW2700-RF-JOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-JOMGOEFL-PF ACT-CW2700-RF-JOMGOEFL-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-KOMGOEFD-PF ACT-CW2700-RF-KOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results

Similar Description - CW2700GGLGOFL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
   2.5 x 2.0mm Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
   2.5 x 2.0mm SMD Crystal
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
logo
Fox Electronics
C2BA FOX-C2BA Datasheet
270Kb / 2P
   2.5 x 2.0mm Auto Grade Crystal
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
   2.5 x 2.0mm SMD Crystal Resonator
logo
Golledge Electronics Lt...
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
   Miniature 2.5 x 2.0mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0154-OY-TYPE TAITIEN-XO-0154-OY-TYPE Datasheet
344Kb / 1P
   2.5 x 2.0mm SMD CMOS Output Crystal Oscillator
logo
Transko Electronics, In...
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
   MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com