Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9904B Datasheet(PDF) 10 Page - Sames

Part # SA9904B
Description  Three Phase Multifunction Energy Metering IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 10 Page - Sames

Back Button SA9904B_17 Datasheet HTML 6Page - Sames SA9904B_17 Datasheet HTML 7Page - Sames SA9904B_17 Datasheet HTML 8Page - Sames SA9904B_17 Datasheet HTML 9Page - Sames SA9904B_17 Datasheet HTML 10Page - Sames SA9904B_17 Datasheet HTML 11Page - Sames SA9904B_17 Datasheet HTML 12Page - Sames SA9904B_17 Datasheet HTML 13Page - Sames SA9904B_17 Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPEC-0447 (REV. 7)
10/18
29-09-2017
SA9904B
Voltage Sense Inputs (IVP1, IVP2, IVP3)
Figure 8 shows the voltage sense input configuration for one
channel. The circuit is identical for the other two channels.
The voltage sense input saturates at an input current of
±17.6μARMS (±25μAPEAK). The current into the voltage sense
input should therefore be set to 14
μARMS at nominal mains
voltage (VNOM) to allow for a mains voltage variation of up to
+15% and
–50% without saturating the voltage sense input.
For best performance the SA9904B also requires an anti-
alias filter on the voltage sense inputs. Referring to Figure 8,
the capacitor C1 is used to both implement the anti-alias filter
as well as compensating for any phase shift caused by the
current transformer. The resistor R4 defines the input current
into the device. The optimum input network is achieved by
setting R4 in the order of 100k
. If R4 is made too large the
capacitor C1 will be very small and the accuracy of the phase
compensation could be affected by stray capacitances.
Figure 8: Voltage sense input configuration
Serial Clock (SCK)
The SCK pin is used to synchronize data interchange
between the microcontroller and the SA9904B. The clock
signal on this pin is generated by the microcontroller and
determines the data transfer rate of the DO and DI pins.
Serial Data In (DI)
The DI pin is the serial data input pin for the SA9904B. Data
will be input at a rate determined by the Serial Clock (SCK).
Data will be strobed by the SA9904B on the rising edge of
SCK only during an active chip select (CS).
Chip Select (CS)
The CS input is used to address the SA9904B. A high level
on this pin enables the SA9904B to initiate data exchange.
OUTPUT SIGNALS
Serial Data Out (DO)
The DO pin is the serial data output pin for the SA9904B. The
Serial Clock (SCK) determines the data output rate. Data is
only transferred out on the rising edge of SCK during active
chip select (CS). This output is tri-state when CS is inactive
(low). It is recommended to use an external pull-up or pull-
down resistor on DO to ensure its state is always valid.
Mains Voltage Zero Crossover (F50)
The F50 output generates a signal, which follows the mains
voltage zero crossings as shown in Figure 9. This output
generates a pulse on the rising edge of the mains voltage
zero crossing point. The pulse width is between 1ms and
2ms. Internal logic ensures that this signal is generated from
a valid phase. Should all three phases be missing but power
still applied to the SA9904B this output will generate a
constant 54Hz signal. The microcontroller can use this signal
to extract the mains timing or synchronize to the mains
voltage.
Figure 9: Mains voltage zero crossover
SPI INTERFACE
Description
A serial peripheral interface bus (SPI) is a synchronous bus
used for data transfers between a microcontroller and the
SA9904B. The pins DO (Serial Data Out), DI (Serial Data In),
CS (Chip Select), and SCK (Serial Clock) are used in the bus
implementation. The SA9904B is the slave device with the
microcontroller being the bus master. The CS input initiates
and terminates data transfers. A SCK signal (generated by
the microcontroller) strobes data between the microcontroller
and the SA9904B. The DI and DO pins are the serial data
input and output pins for the SA9904B respectively.
R4
R3
IVP
GND
C1
R2
R1
GND
V
NOM
14µA
RMS
Voltage In
Neutral
GND
R5
R5 << R4 << (R1 + R2 + R3)
t
Phase
Voltage
1ms
– 2ms
F50


Similar Part No. - SA9904B_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA9904BPA ETC-SA9904BPA Datasheet
106Kb / 12P
   Three Phase Power / Energy IC with SPI Interface
SA9904BSA ETC-SA9904BSA Datasheet
106Kb / 12P
   Three Phase Power / Energy IC with SPI Interface
More results

Similar Description - SA9904B_17

ManufacturerPart #DatasheetDescription
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
   Three Phase Bidirectional Energy Metering IC
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
REV. A
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
   Three Phase Energy Metering IC with Pulse Output
REV. PrB 08/01
logo
Sames
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
logo
Analog Devices
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
   Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com