Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA4301A Datasheet(PDF) 6 Page - Sames

Part # SA4301A
Description  Polyphase Energy Metering IC with Pulse Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301A Datasheet(HTML) 6 Page - Sames

Back Button SA4301A Datasheet HTML 2Page - Sames SA4301A Datasheet HTML 3Page - Sames SA4301A Datasheet HTML 4Page - Sames SA4301A Datasheet HTML 5Page - Sames SA4301A Datasheet HTML 6Page - Sames SA4301A Datasheet HTML 7Page - Sames SA4301A Datasheet HTML 8Page - Sames SA4301A Datasheet HTML 9Page - Sames SA4301A Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SPEC-1538 (REV. 7)
6/23
29-09-2017
SA4301A
PERFORMANCE GRAPHS
Figure 4: Test circuit for performance graphs
Graph 1: Freq = 50Hz, VMains = VNOM, Temp = 25°C,
VDD-VSS = 5.0V
Graph 3: PF = 1, VMains = VNOM, Temp = 25°C,
VDD-VSS = 5.0V
Graph 2: PF = 1, Freq = 50Hz, Temp = 25°C,
VDD-VSS = 5.0V
Graph 4: PF = 1, Freq = 50Hz, VMains = VNOM,
Temp = 25°C
SA4301A
R6
R4
R1
0.2A
to 100A
50Hz AC
Phase 1
220V
50Hz AC
Phase 1
IIN1
IIP1
VREF
VSS
RA
RB
MS
VSS
MON
MOP
LED
VDD
VDD
R11
R10
+
-
+
-
GND
GND
VDD
VSS
GND
R1:
1.2
R2:
1.2
R3:
1.5k
R4:
1.5k
R5:
1.5k
R6:
1.5k
R7:
250k
R8:
1k
R9:
100k
R10: 47k
R11: 1k
CT1: TZ76V (2500:1)
P1:
1k
C1:
22nF
C2:
22nF
C3:
5.6nF
C4:
220nF
C5:
220nF
C6:
1µF
CT1
PH3
2.5V
DC
2.5V
DC
VDD
VSS
C4
C5
C6
Phase angle
between voltage
and current
-60 to 60
GND
IVP1
N
N
Three Phase Source
PH2
PH1
PH/DIR
FMS
AGND
R3
R5
C2
C1
R2
IIN2
IIP2
Same as IIP1 / IIN1
Input Network
0.2A
to 100A
50Hz AC
Phase 2
IIN3
IIP3
Same as IIP1 / IIN1
Input Network
0.2A
to 100A
50Hz AC
Phase 3
R9
C3
GND
GND
R7
R8
P1
220V
50Hz AC
Phase 2
N
220V
50Hz AC
Phase 3
N
Same as IVP1
Input Network
IVP2
Same as IVP1
Input Network
IVP3
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
%IMAX
PF = 1
PF = 0.5 LAG
PF = 0.5 LEAD
PF = -1
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
%IMAX
Freq = 50Hz
Freq = 45Hz
Freq = 65Hz
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
%IMAX
VMains = 100%VNOM
VMains = 50% VNOM
VMains = 130% VNOM
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
%IMAX
VDD-VSS = 5.0V
VDD-VSS = 4.5V
VDD-VSS = 5.5V


Similar Part No. - SA4301A

ManufacturerPart #DatasheetDescription
logo
Sames
SA4301A SAMES-SA4301A Datasheet
423Kb / 14P
   Evaluation Module for SA4301A and SA9105G
More results

Similar Description - SA4301A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
   Polyphase Energy Metering IC with Pulsed Output
Rev. PrA
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com