Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA12E101MZTL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA12E101MZTL
Description  Thick Film Chip Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12E101MZTL Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA12E101MZTL Datasheet HTML 1Page - Vishay Siliconix CRA12E101MZTL Datasheet HTML 2Page - Vishay Siliconix CRA12E101MZTL Datasheet HTML 3Page - Vishay Siliconix CRA12E101MZTL Datasheet HTML 4Page - Vishay Siliconix CRA12E101MZTL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CRA12E, CRA12S
www.vishay.com
Vishay
Revision: 24-Jun-13
2
Document Number: 31003
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT
AVAILABLE TYPES AND RANGES
MODEL
TERMINAL
COUNT
CIRCUIT
TEMPERATURE
COEFFICIENT
TOLERANCE
CRA12S
10
01
02
03
20
± 100 ppm/K
± 200 ppm/K
± 1 %; ± 2 %; ± 5 %
CRA12E
08
01
02
03
20
10
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PITCH
PIECES/REEL
BLISTER TAPE
ACC. IEC 60286-3, TYPE II
PART NUMBER
PRODUCT DESCRIPTION
CRA12E 08
CRA12E 10
CRA12S 10
12 mm
180 mm/7"
330 mm/13"
8 mm
2000
5000
TR
TL
RB8
RD7
Pin 1
10 pin
02 Circuit
Pin 1
8 pin
10 pin
01 Circuit
03 Circuit
20 Circuit
Pin 1
8 pin
10 pin


Similar Part No. - CRA12E101MZTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12E101MZTL VISHAY-CRA12E101MZTL Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
More results

Similar Description - CRA12E101MZTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P VISHAY-CRA06P_17 Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA04P08310K0JTD VISHAY-CRA04P08310K0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P VISHAY-CRA04P_17 Datasheet
93Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P08368R0JTD VISHAY-CRA04P08368R0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com