Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA12S083RZTL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA12S083RZTL
Description  Thick Film Chip Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12S083RZTL Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA12S083RZTL Datasheet HTML 1Page - Vishay Siliconix CRA12S083RZTL Datasheet HTML 2Page - Vishay Siliconix CRA12S083RZTL Datasheet HTML 3Page - Vishay Siliconix CRA12S083RZTL Datasheet HTML 4Page - Vishay Siliconix CRA12S083RZTL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CRA12E, CRA12S
www.vishay.com
Vishay
Revision: 24-Jun-13
1
Document Number: 31003
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistor Array
FETAURES
• Convex terminal array available with either
scalloped corners (E version) or square corners
(S version)
• Wide ohmic range: 10R to 1M0
• 8 or 10 terminal package with isolated resistors
• Pure tin solder contacts on Ni barrier layer,
provides compatibility with lead (Pb)-free and lead
containing soldering processes
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
Note
(2) Preferred way for ordering products is by use of the PART NUMBER.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
± ppm/K
TOLERANCE
± %
RESISTANCE
RANGE
SERIES
CRA12E
CRA12S
01; 02; 20
0.100
50
100
1
10 to 1M
E24; E96
03
0.125
200
2; 5
10 to 1M
E24
Zero-Ohm-Resistor: Rmax. = 50 m, Imax. = 1.5 A
TECHNICAL SEPCIFICATIONS
PARAMETER
UNIT
CRA12E AND CRA12S
CIRCUIT 01; 02; 20
CRA12E AND CRA12S
CIRCUIT 03
Rated dissipation at P70 (1)
W per element
0.1
0.125
Limiting element voltage
Umax. AC/DC
V50
Insulation voltage Uins (1 min)
V
100
Insulation resistance
> 109
Category temperature range
°C
- 55 to + 155
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRA12E08347K0JTR (2)
MODEL
TERMINAL
STYLE
PIN
CIRCUIT
VALUE
TOLERANCE
PACKAGING
SPECIAL
CRA12
S
E
08
10
1 = 01
2 = 02
3 = 03
8 = 20
R = Decimal
K = Thousand
M = Million
0000 = 0
Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
 Jumper
TR
Up to 2 digits
TL
Product Description:
CRA12E 08 03 47K 5 % RB8 e3
CRA12E
08
03
47K
5%
RB8
e3
MODEL
PIN
CIRCUIT
RESISTANCE
VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
CRA12E
CRA12S
08
10
01
02
03
20
10R = 10
47K = 47 k
1M = 1M
0R0 = Jumper
± 1 %
± 2 %
± 5 %
RB8
RD7
e3 = Pure tin
termination finish
A1
2
E
8
3
4
0
CR
JR
K
0T
7


Similar Part No. - CRA12S083RZTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12S083RZTL VISHAY-CRA12S083RZTL Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
More results

Similar Description - CRA12S083RZTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P VISHAY-CRA06P_17 Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA04P08310K0JTD VISHAY-CRA04P08310K0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P VISHAY-CRA04P_17 Datasheet
93Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P08368R0JTD VISHAY-CRA04P08368R0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com