Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG2301U Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMG2301U
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2301U Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG2301U Datasheet HTML 1Page - Diodes Incorporated DMG2301U Datasheet HTML 2Page - Diodes Incorporated DMG2301U Datasheet HTML 3Page - Diodes Incorporated DMG2301U Datasheet HTML 4Page - Diodes Incorporated DMG2301U Datasheet HTML 5Page - Diodes Incorporated DMG2301U Datasheet HTML 6Page - Diodes Incorporated DMG2301U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMG2301U
Document number: DS31848 Rev. 6 - 3
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMG2301U
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25癈
A
10
100
1,000
0
4
8
12
16
20
Fig. 9 Typical Total Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Crss
Coss
f = 1MHz
0
4
8
12
16
20
Fig. 10 Typical Leakage Current vs. Drain-Source Voltage
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.4
0.8
1.2
1.6
-
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
I = -1mA
D
I = -250µA
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
RDS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
A
V
= 4.5V
GS
Single Pulse
DUT on 1 * MRP Board
TA = 25°C
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
VGS = -4.5V
NOT RECOMMENDED FOR NEW DESIGN
USE DMG2301L


Similar Part No. - DMG2301U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG2301U DIODES-DMG2301U Datasheet
154Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DS31848 Rev. 1 - 2
logo
ZP Semiconductor
DMG2301U ZPSEMI-DMG2301U Datasheet
180Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG2301U TYSEMI-DMG2301U Datasheet
123Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG2301U-7 DIODES-DMG2301U-7 Datasheet
154Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DS31848 Rev. 1 - 2
logo
TY Semiconductor Co., L...
DMG2301U-7 TYSEMI-DMG2301U-7 Datasheet
123Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG2301U

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com