Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2038LVTQ-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC2038LVTQ-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2038LVTQ-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMC2038LVTQ-7 Datasheet HTML 2Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 3Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 4Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 5Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 6Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 7Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 8Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 9Page - Diodes Incorporated DMC2038LVTQ-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DMC2038LVT
Document number: DS35417 Rev. 7 - 2
8 of 10
www.diodes.com
November 2017
© Diodes Incorporated
DMC2038LVT
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Q , TOTAL GATE CHARGE (nC)
Fig. 22 Gate-Charge Characteristics
g
16
Q vs. V
g
GS
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Fig. 24 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 164癈 /W
Duty Cycle, D = t1/ t2

JA
JA
JA
0.001
0.01
0.1
1
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 23 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
-I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
R
Limited
DS(ON)
DC
P = 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
T = 25°C
J(max)
A
V
= -10V
Single Pulse
GS
DUT on 1 * MRP Board
f = 1MHz
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 21 Typical Junction Capacitance
DS
C
,
J
U
N
C
T
I
O
N
C
A
P
A
C
I
T
A
N
C
E
(
p
F
)
T
Ciss
Coss
Crss
10
100
1000
0
5
10
15
20
RθJA(t) = r(t) * RθJA
RθJA = 164℃/W
Duty Cycle, D = t1 / t2
t1, PULSE DURATION TIME (sec)
Fig. 24 Transient Thermal Resistance


Similar Part No. - DMC2038LVTQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
301Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
343Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2038LVTQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com