Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2700UDMQ Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC2700UDMQ
Description  20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2700UDMQ Datasheet(HTML) 8 Page - Diodes Incorporated

  DMC2700UDMQ Datasheet HTML 1Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 2Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 3Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 4Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 5Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 6Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 7Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 8Page - Diodes Incorporated DMC2700UDMQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DMC2700UDMQ
Datasheet Number: DS39494 Rev. 1 - 2
8 of 9
www.diodes.com
March 2017
© Diodes Incorporated
DMC2700UDMQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26
C1
Y1 G
X
Y
C
SOT26
Dim
Min
Max
Typ
A1
0.013 0.10
0.05
A2
1.00
1.30
1.10
A3
0.70
0.80
0.75
b
0.35
0.50
0.38
c
0.10
0.20
0.15
D
2.90
3.10
3.00
e
-
-
0.95
e1
-
-
1.90
E
2.70
3.00
2.80
E1
1.50
1.70
1.60
L
0.35
0.55
0.40
a
-
-
a1
-
-
All Dimensions in mm
Dimensions Value (in mm)
C
2.40
C1
0.95
G
1.60
X
0.55
Y
0.80
Y1
3.20


Similar Part No. - DMC2700UDMQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2700UDM DIODES-DMC2700UDM Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM-7 DIODES-DMC2700UDM-7 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMC2700UDM-7 VBSEMI-DMC2700UDM-7 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Diodes Incorporated
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2700UDMQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2700UDM DIODES-DMC2700UDM Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2020USD-13 DIODES-DMC2020USD-13 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com