Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSLC03 Datasheet(PDF) 1 Page - Protek Devices

Part No. PSLC03
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSLC03 Datasheet(HTML) 1 Page - Protek Devices

  PSLC03 Datasheet HTML 1Page - Protek Devices PSLC03 Datasheet HTML 2Page - Protek Devices PSLC03 Datasheet HTML 3Page - Protek Devices PSLC03 Datasheet HTML 4Page - Protek Devices PSLC03 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSLC03
thru
PSLC24C
1
05091.R5 8/03
www.protekdevices.com
LOW CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Ethernet - 10/100 Base T
✔ Cellular Phones
✔ Audio & Video Inputs
✔ FireWire, SCSI & USB Interfaces
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-Gnd) & Level 2(Line-Line)
FEATURES
✔ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ Available in Multiple Voltage Types Ranging From 3V to 24V
✔ Protects One Line
✔ ESD Protection > 40 kilovolts
✔ Low Clamping Voltage
✔ LOW CAPACITANCE: 10pF
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOT-143 Package
✔ Weight 10 milligrams (Approximate)
✔ Flammability rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code
PIN CONFIGURATIONS
SOT-143
3
4
1
2
UNIDIRECTIONAL
BIDIRECTIONAL
3
4
1
2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LCDA12C-8 Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection 1  2  3  4  5  More Semtech Corporation
PS0T03LC ULTRA LOW CAPACITANCE TVS ARRAY 1  2  3  4  5  Protek Devices
ESOT24LCC-2 LOW CAPACITANCE TVS ARRAY 1  2  3  Protek Devices
LCDA15C-6 Low Capacitance TVS Diode Array For Multi-mode Transciever Protection  1  2  3  4  5  More Semtech Corporation
SR05 RailClamp Low Capacitance TVS Diode Array 1  2  3  4  5  More Semtech Corporation
PCL01-6 LOW CAPACITANCE TVS ARRAY 1  2  3  4  List of Unclassifed Manufacturers
PJUSBLC6-2 Low Capacitance TVS and Diode Array 1  2  3  Pan Jit International Inc.
GBLC05I ULTRA LOW CAPACITANCE TVS ARRAY 1  2  3  Protek Devices
SMLC65C-2 LOW CAPACITANCE TVS ARRAY 1  2  3  4  5  Protek Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn