Electronic Components Datasheet Search |
|
FP201161410R0CHBDW Datasheet(PDF) 1 Page - Vishay Siliconix |
|
FP201161410R0CHBDW Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page FP200, FP201, FP202 www.vishay.com Vishay Dale Thin Film Revision: 16-Mar-17 1 Document Number: 61073 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Hermetic Flat Pack Thin Film Resistor, Surface Mount Network FEATURES • Military/aerospace • Hermetically sealed • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details Vishay Dale Thin Film offers a broad line of precision resistor networks in hermetic Flat-Packs for surface mount requirements in military, space or other harsh environmental applications. These networks provide the long-term stability necessary to insure continuous specification and performance over the 20 years to 30 years life required for space applications. The fabrication of these devices is performed under tight procedural and environmental controls to insure conformance to all 883C level H or K requirements. Custom configurations, values and tolerance combinations are available with fast turnaround. SCHEMATICS Product may not be to scale Available Available FP200 Number of Resistors 7, 8 Number of Leads 14, 16 Type Connection Isolated Values Available 500 to 100 k FP201 Number of Resistors 12, 14 Number of Leads 14, 16 Type Connection Series Values Available 500 to 100 k FP202 Number of Resistors 13, 15 Number of Leads 14, 16 Type Connection Common Values Available 500 to 100 k STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS Material Passivated nichrome - Pin/Lead Number 14, 16 - Resistance Range 10 to 1 M (total) - TCR: Absolute ± 10 ppm/°C to 50 ppm/°C - TCR: Tracking ± 5 ppm/°C (standard) - Tolerance: Absolute ± 0.05 % to ± 1 % - Tolerance: Ratio ± 0.01 % to ± 0.1 % - Power Rating: Resistor 100 mW - Power Rating: Package 800 mW 70 °C Stability: Absolute R ± 0.05 % 2000 h at +70 °C Stability: Ratio R ± 0.015 % 2000 h at +70 °C Voltage Coefficient -- Working Voltage 100 V max. not to exceed - Operating Temperature Range -55 °C to +125 °C - Storage Temperature Range -55 °C to +150 °C - Noise -- Thermal EMF -- Shelf Life Stability: Absolute R ± 0.01 % 1 year at + 25 °C Shelf Life Stability: Ratio R ± 0.002 % 1 year at + 25 °C 1 1 1 P x R |
Similar Part No. - FP201161410R0CHBDW |
|
Similar Description - FP201161410R0CHBDW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |