Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5MRBCR4 Datasheet(PDF) 8 Page - TT Electronics.

Part # OVS5MRBCR4
Description  Robust energy-efficient design with long operating life
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MRBCR4 Datasheet(HTML) 8 Page - TT Electronics.

Back Button OVS5MRBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 9Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 10Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 11Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 12Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 8
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
White & Warm White
Blue & Green
Beam Angle: All Col-
OVS5MBBCR4 (Blue), OVS5MGBCR4 (Green), OVS5MWBCR4 (White) and OVS5MWWBCR4 (Warm White)


Similar Part No. - OVS5MRBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MRBCR4 OPTEK-OVS5MRBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
More results

Similar Description - OVS5MRBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPYBCR4 TTELEC-OVSPYBCR4 Datasheet
897Kb / 7P
   Robust energy-efficient design with long operating life
OVS5WBCR4 TTELEC-OVS5WBCR4 Datasheet
885Kb / 5P
   Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
   Robust energy-efficient design with long operating life
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com