Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5MRBCR4 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVS5MRBCR4
Description  Robust energy-efficient design with long operating life
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MRBCR4 Datasheet(HTML) 3 Page - TT Electronics.

  OVS5MRBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MRBCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT electronics plc
Issue C 08/2017
Page 3
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Optical and Electrical Characteristics - White, Warm White (I
F = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
White
3.0
3.4
4.1
V
Warm White
3.6
Φ
Luminous Flux
White
30.6
67.2
lm
50
Warm White
23.5
30
39.8
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics - Blue, Green (I
F = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.4
3.9
V
Φ
Luminous Flux
Blue
6.3
8.2
10.7
lm
Green
18.1
22.0
30.6
λD
Dominant Wavelength
Blue
460
465
470
nm
Green
520
525
535
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics - Red, Amber, Yellow (I
F = 140 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
1.9
2.2
2.65
V
Φ
Luminous Intensity
Red
4500
7150
mcd
9000
Amber
Yellow
λD
Dominant Wavelength
Red
620
625
630
nm
Amber
610
615
621
Yellow
585
590
594
IR
Reverse Current @ 12 V
----
10
----
µA
2 Θ½
50% Power Angle
----
120
----
deg


Similar Part No. - OVS5MRBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MRBCR4 OPTEK-OVS5MRBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MRBCR4 TTELEC-OVS5MRBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
More results

Similar Description - OVS5MRBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPYBCR4 TTELEC-OVSPYBCR4 Datasheet
897Kb / 7P
   Robust energy-efficient design with long operating life
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5WBCR4 TTELEC-OVS5WBCR4 Datasheet
885Kb / 5P
   Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
   Robust energy-efficient design with long operating life
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com