Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5MBBCR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Low thermal resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 2 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Red, Amber, Yellow
Green, Blue
White
Warm White
DC Forward Current
200 mA
a
180 mA
180 mA
180 mA
Peak Pulsed Forward Current
1
1000 mA
350 mA
350 mA
350 mA
Reverse Voltage
12V @ 10 uA
Not designed for re-
verse bias
Not designed for re-
verse bias
Not designed for reverse
bias
Junction Temperature
2
125°C
125°C
125°C
125°C
Power Dissipation
750mW
750mW
750mW
750mW
Storage and Operating Temperature
-40° ~ +100 ° C
-40° ~ +100 ° C
-40° ~ +100 ° C
-40° ~ +100 ° C
ESD (JEDEC-JESD22-A114F)
Class 2
Class 2
Class 2
Class 2
MSL (IPC / JEDEC J-STD-020C)
2a / 672 Hrs
2a / 672 Hrs
2a / 672 Hrs
2a / 672 Hrs
Electrical Specifications
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal Resistance = 5 C/W


Similar Part No. - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
More results

Similar Description - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com