Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS4018B100MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SPS4018B100MF
Description  SMD Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS4018B100MF Datasheet(HTML) 3 Page - Superworld Electronics

  SPS4018B100MF Datasheet HTML 1Page - Superworld Electronics SPS4018B100MF Datasheet HTML 2Page - Superworld Electronics SPS4018B100MF Datasheet HTML 3Page - Superworld Electronics SPS4018B100MF Datasheet HTML 4Page - Superworld Electronics SPS4018B100MF Datasheet HTML 5Page - Superworld Electronics SPS4018B100MF Datasheet HTML 6Page - Superworld Electronics SPS4018B100MF Datasheet HTML 7Page - Superworld Electronics SPS4018B100MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD Power Inductor – SPS4018B Series
Proprietary and Confidential
Document of Superworld
22/09/2017
P3
6. Electrical Characteristics
Part No.
Inductance
(μH)
Test
Frequency
(Hz)
SRF
(MHz)
Min.
DCR (Ω)
± 20%
I sat
(A)
I rms
(A)
Inductance
Symbol
SPS4018B1R0YF
1.0
1V100K
90
0.027
4.00
3.20
A
SPS4018B1R5YF
1.5
1V100K
75
0.037
3.30
2.40
B
SPS4018B2R2MF
2.2
1V100K
60
0.042
3.00
2.20
C
SPS4018B3R3MF
3.3
1V100K
45
0.055
2.30
2.00
E
SPS4018B4R7MF
4.7
1V100K
35
0.070
2.00
1.70
H
SPS4018B6R8MF
6.8
1V100K
30
0.098
1.60
1.45
I
SPS4018B100MF
10
1V100K
25
0.150
1.30
1.20
K
SPS4018B150MF
15
1V100K
18
0.210
1.10
0.85
M
SPS4018B220MF
22
1V100K
15
0.290
0.90
0.72
N
SPS4018B330MF
33
1V100K
12
0.460
0.70
0.55
P
SPS4018B470MF
47
1V100K
10
0.650
0.60
0.44
S
SPS4018B680MF
68
1V100K
8.3
1.000
0.52
0.32
T
SPS4018B101MF
100
1V100K
6.5
1.450
0.42
0.28
V
SPS4018B151MF
150
1V100K
5.5
2.300
0.34
0.22
W
SPS4018B221MF
220
1V100K
4.0
3.800
0.275
0.17
X
Note: Tolerance Y= ±30% , M= ±20%


Similar Part No. - SPS4018B100MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS4018FT SUPERWORLD-SPS4018FT Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT100M SUPERWORLD-SPS4018FT100M Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT1R0N SUPERWORLD-SPS4018FT1R0N Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT2R2M SUPERWORLD-SPS4018FT2R2M Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT3R3M SUPERWORLD-SPS4018FT3R3M Datasheet
503Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPS4018B100MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com