Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA252010HF1R5M Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPA252010HF1R5M
Description  Low Profile Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPA252010HF1R5M Datasheet(HTML) 2 Page - Superworld Electronics

  SPA252010HF1R5M Datasheet HTML 1Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 2Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 3Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 4Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 5Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 6Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 7Page - Superworld Electronics SPA252010HF1R5M Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Profile Power Inductors SPA252010HF Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
03/03/2017
P2
3. Material List:
4. General Specification:
(a) Core
(b) Glue
(c) Termination
(d) Wire
(a) Operating Temp. : -40°C to +125°C (including self-temperature rise)
(b) Storage Temp. : -40°C to +125°C (on board)
(c) Humidity Range : 85 ± 2% RH
(d) Heat Rated Current (Irms) will cause the coil temperature rise approximately ∆t of 40°C (keep 1min)
(e) Saturation Current (Isat Typ.) will cause L0 to drop approximately 30%.
(f) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
(g) Storage condition (component in its packaging)
i) Temperature: Less than 40°C
ii)Humidity : 60% RH
Appearance of exposed wire tolerance limit :
1. Width direction(dimension a):Acceptable when a≦w/2
Non-acceptable when a>w/2
2. Length direction(dimension b):Dimension b is not specified.
3. The total acceptable area of exposed wire occurring to each
sides is no greater than 50% of coating resin area.


Similar Part No. - SPA252010HF1R5M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010FA1R0M SUPERWORLD-SPA252010FA1R0M Datasheet
330Kb / 7P
   Low Profile Power Inductors
SPA252010FA1R5M SUPERWORLD-SPA252010FA1R5M Datasheet
330Kb / 7P
   Low Profile Power Inductors
SPA252010FA2R2M SUPERWORLD-SPA252010FA2R2M Datasheet
330Kb / 7P
   Low Profile Power Inductors
SPA252010FA4R7M SUPERWORLD-SPA252010FA4R7M Datasheet
330Kb / 7P
   Low Profile Power Inductors
SPA252010FAR24M SUPERWORLD-SPA252010FAR24M Datasheet
330Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPA252010HF1R5M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com