Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS201610ER22MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SPS201610ER22MF
Description  SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS201610ER22MF Datasheet(HTML) 4 Page - Superworld Electronics

  SPS201610ER22MF Datasheet HTML 1Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 2Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 3Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 4Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 5Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 6Page - Superworld Electronics SPS201610ER22MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Power Inductor – SPS201610E Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
25/09/2017
P4
01
23
4
DCcurrent(A)
0
0.2
0.4
0.6
0.8
DFP201610TF-R47
00.5
11.5
2
2.5
3
DCcurrent(A)
0
0.3
0.6
0.9
1.2
DFP201610TF-R68
SPS201610ER47MF
SPS201610ER68MF
00.5
11.5
2
2.5
DCcurrent(A)
0
0.5
1
1.5
2
DFP201610TF-1R0
00.5
11.5
2
2.5
DCcurrent(A)
0
1
2
3
4
DFP201610TF-2R2
SPS201610E1R0MF
SPS201610E2R2MF
00.5
11.5
2
2.5
DCcurrent(A)
0
0.7
1.4
2.1
2.8
DFP201610TF-1R5
0
0.3
0.6
0.9
1.2
DCcurrent(A)
0
2
4
6
8
DFP201610TF-4R7
SPS201610E1R5MF
SPS201610E4R7MF


Similar Part No. - SPS201610ER22MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS201610ER24MF SUPERWORLD-SPS201610ER24MF Datasheet
199Kb / 7P
   SMD Power Inductors
More results

Similar Description - SPS201610ER22MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com