Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PN108CL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. PN108CL
Description  Silicon NPN Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PN108CL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PN108CL Datasheet HTML 1Page - Panasonic Semiconductor PN108CL Datasheet HTML 2Page - Panasonic Semiconductor PN108CL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Phototransistors
PNZ108CL
Directivity characteristics
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
400
600
800
1000
1200
0
200
VCE = 10V
Ta = 25˚C
PC — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 20
Ta = 25˚C
T = 2856K
ICE(L) — VCE
20
16
12
4
8
0
Collector to emitter voltage
V
CE (V)
020
16
812
424
ICE(L) — L
10 2
10
1
Illuminance
L (lx)
10
10 2
10 3
10 –2
10 –1
1
VCE = 10V
Ta = 25˚C
T = 2856K
VCE = 10V
L = 500 lx
T = 2856K
ICE(L) — Ta
10 2
1
10
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
10 –1
ICEO — Ta
10 2
1
10 –1
10
Ambient temperature
Ta (˚C )
VCE = 10V
10 –2
– 20
0
40
80
20
60
100
tr — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
tf — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
20
100
80
60
40
100 lx
500 lx
250 lx
750 lx
L = 1500 lx
1000 lx
RL = 1kΩ
500
100
RL = 1kΩ
500
100


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE3045 Optoisolator Silicon NPN Darlington Phototransistor Output 1  2  NTE Electronics
BPW77N Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OP505W NPN SILICON PHOTOTRANSISTOR 1  2  OPTEK Technologies
BPW78 Silicon NPN Phototransistor 1  2  3  4  5  Vishay Siliconix
NTE3120 Silicon NPN Phototransistor Detector 1  2  NTE Electronics
BPW85 Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
TEKT5400S Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OT410D NPN Silicon Phototransistor 1  List of Unclassifed Manufacturers
NTE3122 Phototransistor Silicon NPN Narrow Acceptance High Sensitivity Darlington 1  2  NTE Electronics
PN163NC Silicon NPN Phototransistor 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn