Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PN108CL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. PN108CL
Description  Silicon NPN Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PN108CL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PN108CL Datasheet HTML 1Page - Panasonic Semiconductor PN108CL Datasheet HTML 2Page - Panasonic Semiconductor PN108CL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
20
V
Collector to base voltage
VCBO
30
V
Emitter to collector voltage
VECO
3V
Emitter to base voltage
VEBO
5V
Collector current
IC
20
mA
Collector power dissipation
PC
100
mW
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
PNZ108CL (PN108CL)
Silicon NPN Phototransistor
For optical control systems
Features
High sensitivity : ICE(L) = 3.5 mA (min.) (at L = 500 lx)
Wide directional sensitivity for easy use
Fast response : tr = 5 µs (typ.)
Signal mixing capability using base pin
Small size (low in height) package
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ICEO
VCE = 10V
0.05
2
µA
Collector photo current
ICE(L)*3
VCE = 10V, L = 500 lx*1
3.5
6
mA
Peak sensitivity wavelength
λ
P
VCE = 10V
900
nm
Acceptance half angle
θ
Measured from the optical axis to the half power point
80
deg.
Rise time
tr*2
VCC = 10V, ICE(L) = 5mA 5
µs
Fall time
tf*2
RL = 100Ω
6
µs
Collector saturation voltage
VCE(sat)
ICE(L) = 1mA, L = 1000 lx*1
0.3
0.6
V
*1 Measurements were made using a tungsten lamp (color temperature T = 2856K) as a light source.
*2 Switching time measurement circuit
Phototransistors
50
RL
td : Delay time
tr : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
tf : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
VCC
Sig.OUT
Sig.IN
(Input pulse)
(Output pulse)
10%
90%
td
tr
tf
2.54
±0.25
1
2
3
3-ø0.45
±0.05
Unit : mm
1: Emitter
2: Base
2: Collector
Note) The part number in the parenthesis shows conventional part number.
*3 I
CE(L) Classifications
Class
Q
R
S
ICE(L) (mA)
3.5 to 6.0
5.0 to 9.1
> 7.5
Note) Difficult to guarantee compliance with moisture resistance standard (MIL-STD-202D).


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE3045 Optoisolator Silicon NPN Darlington Phototransistor Output 1  2  NTE Electronics
BPW77N Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OP505W NPN SILICON PHOTOTRANSISTOR 1  2  OPTEK Technologies
BPW78 Silicon NPN Phototransistor 1  2  3  4  5  Vishay Siliconix
NTE3120 Silicon NPN Phototransistor Detector 1  2  NTE Electronics
BPW85 Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
TEKT5400S Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OT410D NPN Silicon Phototransistor 1  List of Unclassifed Manufacturers
NTE3122 Phototransistor Silicon NPN Narrow Acceptance High Sensitivity Darlington 1  2  NTE Electronics
PN163NC Silicon NPN Phototransistor 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn