Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS4018B1R0YF Datasheet(PDF) 7 Page - Superworld Electronics

Part # SPS4018B1R0YF
Description  SMD Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS4018B1R0YF Datasheet(HTML) 7 Page - Superworld Electronics

  SPS4018B1R0YF Datasheet HTML 1Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 2Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 3Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 4Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 5Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 6Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 7Page - Superworld Electronics SPS4018B1R0YF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMD Power Inductor – SPS4018B Series
Proprietary and Confidential
Document of Superworld
22/09/2017
P7
9. Packaging Information
9-1. Reel Dimension
A (mm)
B (mm)
C (mm)
D (mm)
13.5 ± 1.0
80.0 ±2.0
13.0 ± 0.5
330.0± 3.0
9-2. Tape Dimension
Series
A(mm)
B(mm)
Ko(mm)
P(mm)
W(mm)
t(mm)
SPS4018B
4.3±0.1
4.3±0.1
2.1±0.1
8.0±0.1
12±0.3
0.3±0.1
9-3. Packaging Quantity
Size
4018
Chip/ Reel
3500


Similar Part No. - SPS4018B1R0YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS4018FT SUPERWORLD-SPS4018FT Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT100M SUPERWORLD-SPS4018FT100M Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT1R0N SUPERWORLD-SPS4018FT1R0N Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT2R2M SUPERWORLD-SPS4018FT2R2M Datasheet
503Kb / 7P
   Low Profile Power Inductors
SPS4018FT3R3M SUPERWORLD-SPS4018FT3R3M Datasheet
503Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPS4018B1R0YF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com