Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS252012D220MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SDS252012D220MF
Description  SMD Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDS252012D220MF Datasheet(HTML) 6 Page - Superworld Electronics

  SDS252012D220MF Datasheet HTML 1Page - Superworld Electronics SDS252012D220MF Datasheet HTML 2Page - Superworld Electronics SDS252012D220MF Datasheet HTML 3Page - Superworld Electronics SDS252012D220MF Datasheet HTML 4Page - Superworld Electronics SDS252012D220MF Datasheet HTML 5Page - Superworld Electronics SDS252012D220MF Datasheet HTML 6Page - Superworld Electronics SDS252012D220MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD Power Inductors
16.01.2014
SDS252012D SERIES
9. PACKAGING INFORMATION :
9-1. Reel Dimension
A
C(mm)
13± 0.8
7" x 8mm
7" x 8mm
50 Min.
8.4± 1.0
Type
B(mm)
A(mm)
178± 2
D(mm)
P
Po:4± 0.1
9-2 Tape Dimension / 8mm
P2:2± 0.05
Ao
Ko
t
Ko(mm)
1.40± 0.1
SDS252012D
2.85± 0.1
2.45± 0.1
Series
Bo(mm)
Ao(mm)
4.0± 0.1
P(mm)
0.23± 0.05
t(mm)
9-3. Packaging Quantity
SDS252012D
Chip / Reel
Size
2000
Bottom View


Similar Part No. - SDS252012D220MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDS252010D100MF SUPERWORLD-SDS252010D100MF Datasheet
178Kb / 7P
   SMD Power Inductors
SDS252010D220MF SUPERWORLD-SDS252010D220MF Datasheet
178Kb / 7P
   SMD Power Inductors
More results

Similar Description - SDS252012D220MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com