Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP201161210R0DJBCW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FP201161210R0DJBCW
Description  Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP201161210R0DJBCW Datasheet(HTML) 1 Page - Vishay Siliconix

  FP201161210R0DJBCW Datasheet HTML 1Page - Vishay Siliconix FP201161210R0DJBCW Datasheet HTML 2Page - Vishay Siliconix FP201161210R0DJBCW Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FP200, FP201, FP202
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-17
1
Document Number: 61073
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
FEATURES
• Military/aerospace
• Hermetically sealed
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Vishay Dale Thin Film offers a broad line of precision resistor networks in hermetic Flat-Packs for surface mount requirements
in military, space or other harsh environmental applications. These networks provide the long-term stability necessary to insure
continuous specification and performance over the 20 years to 30 years life required for space applications. The fabrication of
these devices is performed under tight procedural and environmental controls to insure conformance to all 883C level H or K
requirements. Custom configurations, values and tolerance combinations are available with fast turnaround.
SCHEMATICS
Product may not
be to scale
Available
Available
FP200
Number of Resistors
7, 8
Number of Leads
14, 16
Type Connection
Isolated
Values Available
500
 to 100 k
FP201
Number of Resistors
12, 14
Number of Leads
14, 16
Type Connection
Series
Values Available
500
 to 100 k
FP202
Number of Resistors
13, 15
Number of Leads
14, 16
Type Connection
Common
Values Available
500
 to 100 k
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
14, 16
-
Resistance Range
10
 to 1 M (total)
-
TCR: Absolute
± 10 ppm/°C to 50 ppm/°C
-
TCR: Tracking
± 5 ppm/°C (standard)
-
Tolerance: Absolute
± 0.05 % to ± 1 %
-
Tolerance: Ratio
± 0.01 % to ± 0.1 %
-
Power Rating: Resistor
100 mW
-
Power Rating: Package
800 mW
70 °C
Stability: Absolute
R ± 0.05 %
2000 h at +70 °C
Stability: Ratio
R ± 0.015 %
2000 h at +70 °C
Voltage Coefficient
--
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
--
Thermal EMF
--
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
1
1
1
P x R


Similar Part No. - FP201161210R0DJBCW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP201161210R0D VISHAY-FP201161210R0D Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
More results

Similar Description - FP201161210R0DJBCW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
DFN VISHAY-DFN Datasheet
110Kb / 3P
   Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
Revision: 28-May-15
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
   Thin Film Resistor Network Military
Revision: 01-Mar-13
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
   THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
PNS VISHAY-PNS Datasheet
93Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
logo
Dubilier
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
   SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
Vishay Siliconix
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com