Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34236LF-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34236LF-12
Description  CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34236LF-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34236LF-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N MALE RIGHT ANGLE
RG316/U
N MALE RIGHT ANGLE
PE34236LF-XX
CABLE ASSEMBLY, RG316/U, N MALE
RIGHT ANGLE TO N MALE RIGHT ANGLE
(LEAD FREE)
50 OHM
50 OHM
50 OHM
N MALE
RIGHT ANGLE
N MALE
RIGHT ANGLE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
012808
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE34236LF-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34236 PASTERNACK-PE34236 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34236-12 PASTERNACK-PE34236-12 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34236-24 PASTERNACK-PE34236-24 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34236-36 PASTERNACK-PE34236-36 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34236-48 PASTERNACK-PE34236-48 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
More results

Similar Description - PE34236LF-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34236 PASTERNACK-PE34236 Datasheet
275Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34214 PASTERNACK-PE34214 Datasheet
290Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE TO N MALE RIGHT ANGLE
PE34210LF PASTERNACK-PE34210LF Datasheet
279Kb / 1P
   CABLE ASSEMBLY, RG316/U, N MALE TO N MALE RIGHT ANGLE
PE34210 PASTERNACK-PE34210 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG316/U N MALE TO N MALE RIGHT ANGLE
PE3272 PASTERNACK-PE3272 Datasheet
135Kb / 1P
   CABLE ASSEMBLY RG213/U N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34222 PASTERNACK-PE34222 Datasheet
276Kb / 1P
   CABLE ASSEMBLY RG225/U N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE3693 PASTERNACK-PE3693 Datasheet
275Kb / 1P
   CABLE ASSEMBLY RG142B/U N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34231 PASTERNACK-PE34231 Datasheet
274Kb / 1P
   CABLE ASSEMBLY, RG174A/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE3268 PASTERNACK-PE3268 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG393/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
PE34238 PASTERNACK-PE34238 Datasheet
276Kb / 1P
   CABLE ASSEMBLY, RG188A/U, N MALE RIGHT ANGLE TO N MALE RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com