Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA04S083MJPZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRA04S083MJPZ
Description  Thick Film Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA04S083MJPZ Datasheet(HTML) 3 Page - Vishay Siliconix

  CRA04S083MJPZ Datasheet HTML 1Page - Vishay Siliconix CRA04S083MJPZ Datasheet HTML 2Page - Vishay Siliconix CRA04S083MJPZ Datasheet HTML 3Page - Vishay Siliconix CRA04S083MJPZ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CRA04S
www.vishay.com
Vishay
Revison: 23-Feb-17
3
Document Number: 31043
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Figures are given for a single element
(2) Solderability is specified for 2 years after production or requalification. Permitted storage time is 20 years
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
TEST
(clause)
CONDITIONS OF TEST
REQUIREMENTS
PERMISSIBLE CHANGE (
R/R) (1)
STABILITY
CLASS 1 OR BETTER
STABILITY
CLASS 2 OR BETTER
Stability for product types:
10
 to 1 M
10
 to 1 M
CRA04S
Resistance (4.5)
-
± 1 %
± 2 %; ± 5 %
Temperature coefficient (4.8.4.2)
(20 / -55 / 20) °C and
(20 / 125 / 20) °C
± 100 ppm/K
± 200 ppm/K
Overload (4.13)
U = 2.5 x (P70 x R)1/2
 2 x U
max.; 0.5 s
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
Solderability (4.17.5) (2)
Aging 4 h at 155 °C, dry heat
solder bath method; 235 °C; 2 s
visual examination
Good tinning (
 95 % covered)
no visible damage
Resistance to soldering heat (4.18.2)
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
Rapid change of temperature (4.19)
30 min at LCT = -55 °C;
30 min at UCT = 125 °C; 5 cycles
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
Damp heat, steady state (4.24)
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (1 % R + 0.05
)± (2 % R + 0.1 )
Climatic sequence (4.23)
16 h at UCT = 125 °C; 1 cycle at 55 °C;
2 h at LCT = -55 °C;
1 h/1 kPa at 15 °C to 35 °C;
5 cycles at 55 °C
U = (P70 x R)1/2
U = Umax.; whichever is less severe
± (1 % R + 0.05
)± (2 % R + 0.1 )
Endurance at 70 °C (4.25.1)
U = (P70 x R)1/2
U = Umax.; whichever is less severe
1.5 h “ON”; 0.5 h “OFF”;
70 °C; 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
Extended endurance (4.25.1.8)
Duration extended to 8000 h
± (2 % R + 0.1
)± (4 % R + 0.1 )
Endurance at upper category
temperature (4.25.3)
UCT = 125 °C; 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
APPLICABLE SPECIFICATIONS
• EN 60115-1
• EN 140400
• EN 140401-802
• IEC 60068-2-X
• EIA 481
Generic specification
Sectional specification
Detail specification
Variety of environmental test procedures
Packaging of SMD components


Similar Part No. - CRA04S083MJPZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S0803000FPZE3 VISHAY-CRA04S0803000FPZE3 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S0803000FRT6E3 VISHAY-CRA04S0803000FRT6E3 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S0803000FRT7E3 VISHAY-CRA04S0803000FRT7E3 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S0803000GPZE3 VISHAY-CRA04S0803000GPZE3 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S0803000GRT6E3 VISHAY-CRA04S0803000GRT6E3 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
More results

Similar Description - CRA04S083MJPZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06P VISHAY-CRA06P_17 Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA04P08310K0JTD VISHAY-CRA04P08310K0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P VISHAY-CRA04P_17 Datasheet
93Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P08368R0JTD VISHAY-CRA04P08368R0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E VISHAY-CRA12E_17 Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com