Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVPS2SE1003BUF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HVPS2SE1003BUF
Description  High Value, High Voltage Precision SIP Thin Film Resistor, Through Hole Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVPS2SE1003BUF Datasheet(HTML) 2 Page - Vishay Siliconix

  HVPS2SE1003BUF Datasheet HTML 1Page - Vishay Siliconix HVPS2SE1003BUF Datasheet HTML 2Page - Vishay Siliconix HVPS2SE1003BUF Datasheet HTML 3Page - Vishay Siliconix HVPS2SE1003BUF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HVPS
www.vishay.com
Vishay Dale Thin Film
Revision: 02-Nov-15
2
Document Number: 60091
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HVPS2 MAX. APPLIED VOLTAGE AT 0.400 W VERSUS RESISTANCE VALUE
HVPS2 VOLTAGE RATING BY VALUE
WORKING VOLTAGE
RESISTANCE RANGE
200
100K to 400K
400
401K to 900K
600
901K to 1.6M
800
1.6M to 2.5M
1000
2.5M to 3.6M
1200
3.6M to 4.9M
1400
4.9M to 6.4M
1600
6.4M to 8.1M
1800
8.1M to 10M
DIMENSIONS AND IMPRINTING in inches (millimeters)
Resistance Value in M
Ω
2
0
0.8
0.6
0.4
0.2
1.8
1.6
1.4
1.2
1
0.1
10.1
3.1
2.1
1.1
4.1
5.1
6.1
7.1
8.1
9.1
PART NO:
DATECODE
0.02 ± 0.005
(0.508 ± 0.127)
0.100 typ.
(2.54)
0.125 min.
(3.175)
0.260 max.
(6.604)
0.110 max.
(2.794)
0.240 max.
(6.096)
0.010 (0.25)
PA RT NO:
DATECODE
0.200 typ.
(5.08)
0.02 ± 0.005
(0.508 ± 0.127)
0.125 min.
(3.175)
0.110 max.
(2.794)
0.260 max.
(6.604)
0.320 max.
(8.128)
0.010 (0.25)
HVPS1
HVPS2


Similar Part No. - HVPS2SE1003BUF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVPS2D5004A VISHAY-HVPS2D5004A Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
HVPS2D5004B VISHAY-HVPS2D5004B Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
HVPS2D5004D VISHAY-HVPS2D5004D Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
HVPS2D5004F VISHAY-HVPS2D5004F Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
HVPS2D5004L VISHAY-HVPS2D5004L Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
More results

Similar Description - HVPS2SE1003BUF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
logo
Vishay Siliconix
HVPS VISHAY-HVPS Datasheet
53Kb / 2P
   High Value Precision SIP
Revision 27-Nov-02
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
   Precision Wirebondable Single Value Thin Film Chip Resistor
Revision: 11-Nov-15
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
   Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Vishay Siliconix
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
   Thin Film Resistor Network Military
Revision: 01-Mar-13
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
   SOT23 Thin Film Precision Voltage Divider Network
logo
Vishay Siliconix
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
   ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
Revision: 19-Nov-14
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com