Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM50N06 Datasheet(PDF) 5 Page - Thinki Semiconductor Co., Ltd.

Part # CM50N06
Description  50A,60V Heatsink Planar N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CM50N06 Datasheet(HTML) 5 Page - Thinki Semiconductor Co., Ltd.

  CM50N06 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CM50N06 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CM50N06 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CM50N06 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CM50N06 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. CM50N06 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
VGS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
VGS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
RG
VGS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 5/6
Rev.08C
CM50N06


Similar Part No. - CM50N06

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM50 CML-CM50 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Visual Communications C...
CM50 VCC-CM50 Datasheet
32Kb / 1P
   Base
CM500 VCC-CM500 Datasheet
46Kb / 1P
   Base
logo
Pan Jit International I...
CM5000 PANJIT-CM5000 Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
CM5001 PANJIT-CM5001 Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
More results

Similar Description - CM50N06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
JCS50N06CH THINKISEMI-JCS50N06CH Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
KIA50N06 THINKISEMI-KIA50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
FQP50N06 THINKISEMI-FQP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
CJP50N06 THINKISEMI-CJP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
FQP50N06 THINKISEMI-FQP50N06_17 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com