Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34235-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34235-48
Description  SMA Male to SMA Female Cable 18 Inch Length Using PE-SR402AL Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34235-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34235-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34235-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34235-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34235-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female
• Cable Type: PE-SR402AL
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length
18 in [457.2 mm]
Diameter
0.315 in [8 mm]
.
Weight
0.042 lbs [19.05 g]
Cable
Cable Type
PE-SR402AL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Cable 18 Inch Length Using PE-SR402AL Coax PE34235-18
PE34235-18 REV
SMA Male to SMA Female Cable 18 Inch
Length Using PE-SR402AL Coax
RF Cable Assemblies Technical Data Sheet
PE34235-18


Similar Part No. - PE34235-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34235-48 PASTERNACK-PE34235-48 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 6 Inch Length Using PE-SR402AL Coax
PE34235-48 PASTERNACK-PE34235-48 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 12 Inch Length Using PE-SR402AL Coax
PE34235-48 PASTERNACK-PE34235-48 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 24 Inch Length Using PE-SR402AL Coax
PE34235-48 PASTERNACK-PE34235-48 Datasheet
388Kb / 4P
   SMA Male to SMA Female Cable 36 Inch Length Using PE-SR402AL Coax
PE34235-48 PASTERNACK-PE34235-48 Datasheet
388Kb / 4P
   SMA Male to SMA Female Cable 48 Inch Length Using PE-SR402AL Coax
More results

Similar Description - PE34235-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34235LF-18 PASTERNACK-PE34235LF-18 Datasheet
444Kb / 4P
   SMA Male to SMA Female Cable 18 Inch Length Using PE-SR402AL Coax, RoHS
PE34235-12 PASTERNACK-PE34235-12 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 12 Inch Length Using PE-SR402AL Coax
PE34235-24 PASTERNACK-PE34235-24 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 24 Inch Length Using PE-SR402AL Coax
PE34235-36 PASTERNACK-PE34235-36 Datasheet
388Kb / 4P
   SMA Male to SMA Female Cable 36 Inch Length Using PE-SR402AL Coax
PE34235-6 PASTERNACK-PE34235-6 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 6 Inch Length Using PE-SR402AL Coax
PE34235-60 PASTERNACK-PE34235-60 Datasheet
388Kb / 4P
   SMA Male to SMA Female Cable 60 Inch Length Using PE-SR402AL Coax
PE34235-48 PASTERNACK-PE34235-48 Datasheet
388Kb / 4P
   SMA Male to SMA Female Cable 48 Inch Length Using PE-SR402AL Coax
PE34235LF-60 PASTERNACK-PE34235LF-60 Datasheet
444Kb / 4P
   SMA Male to SMA Female Cable 60 Inch Length Using PE-SR402AL Coax, RoHS
PE34235LF-12 PASTERNACK-PE34235LF-12 Datasheet
444Kb / 4P
   SMA Male to SMA Female Cable 12 Inch Length Using PE-SR402AL Coax, RoHS
PE34235LF-6 PASTERNACK-PE34235LF-6 Datasheet
444Kb / 4P
   SMA Male to SMA Female Cable 6 Inch Length Using PE-SR402AL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com