Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTRN10-1TS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HTRN10-1TS
Description  Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HTRN10-1TS Datasheet(HTML) 1 Page - Vishay Siliconix

  HTRN10-1TS Datasheet HTML 1Page - Vishay Siliconix HTRN10-1TS Datasheet HTML 2Page - Vishay Siliconix HTRN10-1TS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HTRN
www.vishay.com
Vishay Dale Thin Film
Revision: 12-Dec-11
1
Document Number: 60111
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded, 50 mil Pitch, High Temperature (215 °C);
Thin Film Surface Mount, Dual-In-Line Resistor Network
HTRN series resistor networks feature four isolated resistors
with standard 50 mil pitch lead spacing. HTRN is ideal to be
used in oil/gas exploration industry, automotive under the
hood applications, and aerospace engine control high
temperature applications. The networks feature close TCR
tracking and tight ratio tolerance and are ideally suited for
unity gain operational amplifier circuitry. The standard
resistance offering listed are available for immediate
delivery.
SCHEMATIC
FEATURES
• Ratio tolerance to ± 0.05 %
• Ratio stability ± 0.1 %
• - 55 °C to 215 °C operating temperature range
• 0.068" (1.73 mm) maximum seated height
• Rugged molded case construction with no
internal solder
• Low temperature coefficient (± 25 ppm/°C)
• JEDEC MS-012 STD variation AA package
• Gold terminations for durable attach bonds
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL PERFORMANCE
Note
• Consult factory for additional values and schematics
8
R
1
76
5
12
3
4
R
1
R
2
R
2
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD RESISTANCE OFFERING (R1/R2)
RATIO
R1
R2
100:1
100K
1K
50:1
50K
1K
25:1
25K
1K
20:1
20K
1K
10:1
10K
1K
5:1
10K
2K
2:1
10K
5K
4:1
4K
1K
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
8-
Resistance Range
1000
 to 100 k per resistor
-
TCR: Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
TCR: Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
0.1 %
+ 25 °C
Tolerance: Ratio
0.05 %
+ 25 °C
Power Rating: Resistor
100 mW
Maximum at + 70 °C
Power Rating: Package
400 mW
Maximum at + 70 °C
Stability: Absolute
R ± 0.5 %
2000 h at + 215 °C at 25 % rated power
Stability: Ratio
R ± 0.1 %
2000 h at + 215 °C at 25 % rated power
Voltage Coefficient
0.1 ppm/V (typical)
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 215 °C
-
Storage Temperature Range
- 55 °C to + 215 °C
-
Noise
< - 30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
P
x R


Similar Part No. - HTRN10-1TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
More results

Similar Description - HTRN10-1TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
   Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 03-Mar-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com