Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA06P043RGTC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA06P043RGTC
Description  Thick Film Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P043RGTC Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA06P043RGTC Datasheet HTML 1Page - Vishay Siliconix CRA06P043RGTC Datasheet HTML 2Page - Vishay Siliconix CRA06P043RGTC Datasheet HTML 3Page - Vishay Siliconix CRA06P043RGTC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRA06P
www.vishay.com
Vishay
Revison: 23-Feb-17
1
Document Number: 31047
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistor Array
CRA06P thick film resistor array is constructed on a high
grade ceramic body with concave terminations. A small
package enables the design of high density circuits. The
single component reduces board space, component counts
and assembly costs.
FEATURES
• Concave terminal array with square corners
• 4 and 8 terminal package with isolated resistors
• Wide ohmic range: 10R to 1M0
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Rated voltage:
(2) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded
Notes
(1) Preferred way for ordering products is by use of the PART NUMBER
(2) Please refer to the table PACKAGING, see next page
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CIRCUIT
POWER RATING
P70 °C
W
LIMITING ELEMENT
VOLTAGE MAX.
V
TEMPERATURE
COEFFICIENT
± ppm/K
TOLERANCE
± %
RESISTANCE
RANGE
E-SERIES
CRA06P
03
0.063
50
100
1
10 to 1M
24 + 96
200
2; 5
24
Zero-Ohm-Resistor: Rmax. = 50 m, Imax. = 1 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRA06P
03 CIRCUIT
Rated dissipation at 70 °C (2)
W per element
0.063
Limiting element voltage (1)
V
50
Insulation voltage (1 min)
VDC/AC peak
100
Category temperature range
°C
-55 to +155
Insulation resistance
> 109
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRA06P08347K0JTA (1)
MODEL
TERMINAL
STYLE
PIN
CIRCUIT
VALUE
TOLERANCE
PACKAGING (2)
SPECIAL
CRA06
P
04
08
3 = 03
R = decimal
K = thousand
M = million
0000 = 0
 jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
 jumper
TA
TC
Up to 2 digits
Product Description: CRA06P 08 03 473 J RT1 e3
CRA06P
08
03
473
J
RT1
e3
MODEL
TERMINAL COUNT
CIRCUIT TYPE
RESISTANCE VALUE
TOLERANCE
PACKAGING (4)
LEAD (Pb)-FREE
CRA06P
04
08
03
473 = 47 k
4702 = 47 k
10R0 = 10
100 = 10
000 = 0
 jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = 0
 jumper
RT1
RT6
e3 = pure tin
termination finish
First two digits (3 for 1 %)
are significant. Last digit
is the multiplier.
P x R
A0
6
P
8
3
4
0
CR
JA
K
0T
7


Similar Part No. - CRA06P043RGTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06P0403000FRT1E3 VISHAY-CRA06P0403000FRT1E3 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P0403000FRT6E3 VISHAY-CRA06P0403000FRT6E3 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P0403000GRT1E3 VISHAY-CRA06P0403000GRT1E3 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P0403000GRT6E3 VISHAY-CRA06P0403000GRT6E3 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P0403000JRT1E3 VISHAY-CRA06P0403000JRT1E3 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
More results

Similar Description - CRA06P043RGTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA04P08310K0JTD VISHAY-CRA04P08310K0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P VISHAY-CRA04P_17 Datasheet
93Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P08368R0JTD VISHAY-CRA04P08368R0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E VISHAY-CRA12E_17 Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com