Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA04P0830000ZPZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA04P0830000ZPZ
Description  Thick Film Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA04P0830000ZPZ Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA04P0830000ZPZ Datasheet HTML 1Page - Vishay Siliconix CRA04P0830000ZPZ Datasheet HTML 2Page - Vishay Siliconix CRA04P0830000ZPZ Datasheet HTML 3Page - Vishay Siliconix CRA04P0830000ZPZ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRA04P
www.vishay.com
Vishay
Revision: 24-Jun-13
2
Document Number: 31048
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT
03 Circuit
DERATING
DIMENSIONS
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PITCH
PIECES/REEL
PACKAGING CODE
PAPER TAPE
PART NUMBER
PRODUCT DESCRIPTION
CRA04P
8 mm
180 mm/7"
2 mm
10 000
TD
RT7
330 mm/13"
2 mm
20 000
TC
RT6
330 mm/13"
2 mm
50 000
PZ
PZ
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Ambient Temperature in °C
A
C
W
T
B
P
L
c
b
p
a
w
PIN
NO#
DIMENSIONS in millimeters
LA
B
C
PNOM.
TW
8
2.00
0.20
0.32
0.25
0.50
0.45
1.00
TOL.
± 0.20 ± 0.10 ± 0.10 ± 0.15
-
± 0.10 ± 0.10
SOLDER PAD DIMENSIONS in millimeters
cw
p
a
b
WAVE
0.5
1.5
0.5
0.32
0.5


Similar Part No. - CRA04P0830000ZPZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04P0830000ZPZ VISHAY-CRA04P0830000ZPZ Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
More results

Similar Description - CRA04P0830000ZPZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P VISHAY-CRA06P_17 Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA04P08310K0JTD VISHAY-CRA04P08310K0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P08368R0JTD VISHAY-CRA04P08368R0JTD Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12E VISHAY-CRA12E_17 Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com