Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7670N2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7670N2
Description  1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7670N2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7670N2 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7670N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7670N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.3
OM7670 Series
OM7671 Series
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
VIN = 5.0 V, IOUT = 10 mA
3.267
3.333
V
TA = 25° C
4.75 V
≤ V
IN ≤ 18 V,
3.325
3.365
V
10 mA
≤ I
OUT ≤ ILMIN
Line Regulation
∆V
OUT
4.5V
≤ V
IN ≤ 18 V,
12
mV
(Note 1)
∆V
IN
IOUT = 0 A
Load Regulation
∆V
OUT
VIN = 5.0 V, 0A ≤ IOUT ≤ ILMIN
15
mV
(Note 1)
∆I
OUT
TA = 25° C
VIN = 5.0 V, 0A ≤ IOUT ≤ ILMIN
25
mV
Dropout Voltage
VDO
IOUT = ILMIN, ∆VREF = 1%
1.5
V
Thermal Regulation
-
30 ms pulse, TA = +25° C
0.04
%/W
Ripple Rejection
∆V
IN
f = 120 Hz, CAdj = 25 µF,
60
dB
∆V
OUT
COUT = 25 µF (tantalum), IOUT = ILMIN,
VIN = 6.3 V
Quiescent Current
IQ
VIN = 18 V
10
mA
Current Limit
IL
OM7670NK, VIN = 18 V
1.5
3.5
OM7670NM/ST/SM VIN = 18 V
1.3
2.5
OM7670N2, VIN = 18 V
.75
1.50
A
OM7671NK, VIN = 18 V
3.0
5.0
OM7671NM/ST/SM, VIN = 18 V
2.6
4.5
VIN = 28 V, All Types
.050
--
A
Temperature Stability
∆V
OUT
-55° C
≤ T
J ≤ +125° C
1.55
%
(Note 2)
∆T
Long Term Stability
∆V
OUT
TA = +125° C, t = 1000 hrs
1.0
%
(Note 2)
∆T
Notes:
1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique.
Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 15W
for the OM7670 series and 30 watts for the OM7671 series (See Table 1). Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over
the full input/output voltage range.
2. Guaranteed by design, characterization or correlation to other tested parameters.
3. The • denotes the specifications which apply over the full operating temperature range.


Similar Part No. - OM7670N2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
More results

Similar Description - OM7670N2

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1086BC SEMTECH-EZ1086BC Datasheet
70Kb / 5P
   1.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1086C SEMTECH-EZ1086C_06 Datasheet
156Kb / 6P
   1.5 Amp Positive Voltage Regulator
EZ1086C SEMTECH-EZ1086C_16 Datasheet
159Kb / 6P
   1.5 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com