Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX16CF950 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Page 11
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
Figure 4: Normal Mode memory space map
5.2.2
Normal Mode Space Map
5.3
Access to IO Function
5.3.1
Access to Internal UART
Access to the internal UART is achieved via standard IO
mapping. As the device is configured as a single function
device, no base address is required to access the UART.
As IO mapping is used, access to the UART is permitted
only after the card has been configured. Once the
Configuration Options Register has been set in the
Attribute area, the UART can be accessed following the
mapping shown in Table 3.
UART Address (hex)
CF/PCMCIA offset from
address 0 for UART
function in IO space (hex)
0
0
1
1
2
2
3
3
4
4
5
5
6
6
7
7
Table 3: UART's mapping in I/O space
5.3.2
Access to Local Bus
Access to the internal Local Bus is achieved via standard
IO mapping. The Local Bus function is available in Local
Bus mode only as it’s device pins are used as the extended
address bits required for direct access in Normal mode.
Indirect access is only supported in the PCMCIA
specification, so the local bus is only available in PCMCIA
systems. As the device is configured as a single function
device, no base address is required to access the Local
Bus. As IO mapping is used, access to the Local Bus is
permitted only after the card has been configured. Once
the Configuration Options Register has been set in the
Attribute area, the Local Bus can be accessed following the
mapping shown in table Table 4. This access is permitted
only if bit[0] is reset to ‘0’ in the MDR register in the UART,
otherwise the local configuration registers will be accessed
rather than the local bus.
Local Bus Address1 (hex) CF/PCMCIA offset from
address 0 for Local Bus
function in IO space (hex)
0
8
1
9
2
A
3
B
4
C
5
D
6
E
7
F
Table 4: Local Bus mapping in I/O space
Note 1: Although only 4 bits of IO address space are
requested by the default CIS in the device, the address
range may be extended past these four bits. This can be
achieved by modifying the CIS, via the EEPROM, and
connecting the extended address bits to the external local
bus device.
Direct
Indirect
Main CIS either:
a) Normal Default
b) Bluetooth Default
c) Custom CIS
(downloaded from
EEPROM)
0xFF
Common
(Valid at even
locations only)
0x00
0x00
0x00
0xFF
0xFF
0x00
0xFF
Attribute
Additional Storage
Space, which can be
downloaded from the
EEPROM.
0x7F
0x80
Function
Configuration
Registers
0xF8
0xF6
NOT VALID
NOT VALID
NOT VALID


Similar Part No. - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950-PCC60-B OXFORD-OX16C950-PCC60-B Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950-TQC60-B OXFORD-OX16C950-TQC60-B Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950B OXFORD-OX16C950B Datasheet
28Kb / 2P
   Intelligent Single Channel UART
logo
PLX Technology
OX16C950B PLX-OX16C950B Datasheet
163Kb / 2P
   High Performance UART
More results

Similar Description - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1893 AD-AD1893 Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
logo
Oxford Semiconductor
OXCF950 OXFORD-OXCF950_06 Datasheet
375Kb / 66P
   low cost asynchronous 16-bit PC card or Compact Flash UART device
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
Analog Devices
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
   Low Cost 16-Bit Anlog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com