Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34192LF-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE34192LF-36
Description  SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34192LF-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE34192LF-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34192LF-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34192LF-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34192LF-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male Right Angle
SMA Female Bulkhead
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE34192LF-36 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax,
RoHS PE34192LF-36
RF Cable Assemblies Technical Data Sheet
PE34192LF-36
SMA Male Right Angle to SMA Female Bulkhead
Cable 36 Inch Length Using RG400 Coax, RoHS


Similar Part No. - PE34192LF-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34192LF-12 PASTERNACK-PE34192LF-12 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 12 Inch Length Using RG400 Coax, LF Solder, RoHS
PE34192LF-18 PASTERNACK-PE34192LF-18 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 18 Inch Length Using RG400 Coax, RoHS
PE34192LF-24 PASTERNACK-PE34192LF-24 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 24 Inch Length Using RG400 Coax, RoHS
PE34192LF-48 PASTERNACK-PE34192LF-48 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length Using RG400 Coax, RoHS
PE34192LF-6 PASTERNACK-PE34192LF-6 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 6 Inch Length Using RG400 Coax, RoHS
More results

Similar Description - PE34192LF-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34192-36 PASTERNACK-PE34192-36 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax
PE34192LF-60 PASTERNACK-PE34192LF-60 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length Using RG400 Coax, RoHS
PE34192LF-72 PASTERNACK-PE34192LF-72 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 72 Inch Length Using RG400 Coax, RoHS
PE34192LF-6 PASTERNACK-PE34192LF-6 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 6 Inch Length Using RG400 Coax, RoHS
PE34192LF-18 PASTERNACK-PE34192LF-18 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 18 Inch Length Using RG400 Coax, RoHS
PE34192LF-24 PASTERNACK-PE34192LF-24 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 24 Inch Length Using RG400 Coax, RoHS
PE34192LF-48 PASTERNACK-PE34192LF-48 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length Using RG400 Coax, RoHS
PE34192-6 PASTERNACK-PE34192-6 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 6 Inch Length Using RG400 Coax
PE34192-18 PASTERNACK-PE34192-18 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 18 Inch Length Using RG400 Coax
PE34192-60 PASTERNACK-PE34192-60 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length Using RG400 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com