Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON3181 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ON3181
Description  Optoisolators (Photocouplers)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON3181 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ON3181 Datasheet HTML 1Page - Panasonic Semiconductor ON3181 Datasheet HTML 2Page - Panasonic Semiconductor ON3181 Datasheet HTML 3Page - Panasonic Semiconductor ON3181 Datasheet HTML 4Page - Panasonic Semiconductor ON3181 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Optoisolators (Photocouplers)
CNC7S101,CNZ3182,CNC7T101,CNC1H101
tf — IC
Collector current
I
C (mA)
10
1
10 –2
10 –1
10 2
110
10 –1
10 2
Frequency characteristics
10
1
Frequency
f (kHz)
10
10 2
10 3
10 –3
10 –1
10 –2
1
Ta = 25˚C
Measuring circuit of
frequency characteristics
10%
90%
td
tr
tf
RL
VCC
V1
V2
V2
V1
50
Sig.IN
RL = 1kΩ
500
100
50k
50
5k
50
VCC = 10V
RL = 100Ω
+10V
Sig.OUT
Sig.OUT
Sig.IN –+
100
µF
16V


Similar Part No. - ON3181

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3131 PANASONIC-ON3131 Datasheet
91Kb / 4P
   Optoisolators
ON3132 PANASONIC-ON3132 Datasheet
91Kb / 4P
   Optoisolators
ON3133 PANASONIC-ON3133 Datasheet
91Kb / 4P
   Optoisolators
ON3134 PANASONIC-ON3134 Datasheet
91Kb / 4P
   Optoisolators
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
More results

Similar Description - ON3181

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
logo
Lite-On Technology Corp...
LTV-0501 LITEON-LTV-0501 Datasheet
566Kb / 13P
   Photocouplers
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Lite-On Technology Corp...
LTV-0701 LITEON-LTV-0701 Datasheet
460Kb / 13P
   Photocouplers
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com