Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM55N10SA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OM55N10SA
Description  LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM55N10SA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  OM55N10SA Datasheet HTML 1Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 2Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 3Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 4Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 5Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 6Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 7Page - List of Unclassifed Manufacturers OM55N10SA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
OM55N10SA - OM75N06SC
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM75N06SC, OM75N06SA, OM75N05SC, OM75N05SA
g
fs
(S)
80
60
40
20
0
0
20
406080
I
D
(A)
T
J
= -40°C
T
J
= 25°C
T
J
= 125°C
V
DS
> I
D(on)
x R
DS(on)max
R
DS(on)
14
12
10
8
6
0
20
406080
I
D
(A)
V
GS
= 10V
V
GS
(V)
12
8
4
0
0
40
80
120
Q
g
(nC)
V
DS
= 25V
I
D
= 40A
C(nF)
8
6
4
2
0
0
10
203040
V
DS
(V)
V
DS
= 0
f = 1MHz
C
ies
C
oes
C
res
V
GS(th)
(norm)
1.2
1.0
0.8
0.6
0.4
-50
0
50
100
T
J
(°C)
V
DS
= V
GS
I
D
= 250µA
R
DS(on)
(norm)
-50
V
GS
= 10V
I
D
= 40A
1.5
1.0
0.5
0
0
50
100
T
J
(°C)
Transconductance
Static Drain-Source On Resistance
Capacitance Variations
Normalized On Resistance
vs Temperature
Gate Charge vs Gate-Source Voltage
Normalized Gate Threshold
Voltage vs Temperature


Similar Part No. - OM55N10SA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM55N10SA IRF-OM55N10SA Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
More results

Similar Description - OM55N10SA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM60N06SA IRF-OM60N06SA Datasheet
215Kb / 6P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
logo
International Rectifier
OM6050SJ IRF-OM6050SJ Datasheet
29Kb / 2P
   HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on)
logo
Sensitron
SHD226701 SENSITRON-SHD226701 Datasheet
138Kb / 2P
   LOW RDS(on) HERMETIC POWER MOSFET - N-CHANNEL
SHD225623 SENSITRON-SHD225623 Datasheet
60Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL ULTRA LOW RDS(ON)
logo
List of Unclassifed Man...
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com