Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM3914STM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM3914STM
Description  3 AMP NEGATIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-87741
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM3914STM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM3914STM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM3914STM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM3914STM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM3914STM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 120
3.3
OM3914STM OM3914NTM OM3914NKM
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ +125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
V
IN - VOUT  = 5 V, IOUT = 5 mA, TA = 25° C
-1.238
-1.262
V
3 V
≤V
IN - VOUT ≤ 35 V
-1.215
-1.285
Line Regulation
∆V
OUT
3 V
≤V
IN - VOUT ≤ 35 V
0.015
%/V
(Note 1)
∆V
IN
0.04
Load Regulation
∆V
OUT
V
OUT ≤ 5 V, TA = 25° C
50
mV
(Note 1)
∆I
OUT
10 mA
≤ I
OUT ≤ IMAX.
75
V
OUT ≥ 5.0 V
1.0
%
10 mA
≤ I
OUT ≤ IMAX.
1.5
Thermal Regulation
-
30 ms pulse, TA = 25° C
0.02
%/W
Ripple Rejection
∆V
IN
V
OUT = -10 V, f = 120 Hz, CAdj = 0
56
dB
(Note 2)
∆V
REF
53
V
OUT = -10 V, f = 120 Hz, CAdj = 10 µF
70
dB
60
Adjust Pin Current
IAdj
VDIFF = 35 V, IL = 10 mA
100
µA
Adjust Pin Current Change
∆I
Adj
10 mA
≤ I
OUT ≤ IMAX.
2.0
µA
3 V
≤V
IN - VOUT ≤ 35 V
5.0
Minimum Load Current
IMin
V
IN - VOUT ≤ 35 V
5.0
mA
V
IN - VOUT ≤ 10 V
3.0
Current Limit
ILim
V
IN - VOUT ≤ 10 V
3.0
6.0
A
3.0
V
IN - VOUT  = 35 V
0.5
2.5
A
0.5
Temperature Stability
∆V
OUT
-55° C
≤ T
J ≤ +125° C
1.5
%
(Note 2)
∆T
Long Term Stability
∆V
OUT
TA = +125° C, t = 1000 hrs
1.0
%
(Note 2)
∆T
Notes:
1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique.
Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 30 W.
Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage range.
2. Guaranteed by design, characterization or correlation to other tested parameters.
3. The • denotes the specifications which apply over the full operating temperature range.
Part Numbering System
Voltage Regulators
OM-3914-S-T-M
Company
Identification
Part
Number
S= Isolated
N= Non isolated
Package
(see Package codes*)
Screening
M= MIL-M 38535
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
5962-8774101U
OM3914STM
5962-8774101T
OM3914NTM
5962-8774101X
OM3914NKM
“U” = Isolated
“T” = Non-Isolated


Similar Part No. - OM3914STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM3910NTM ETC1-OM3910NTM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM3910STM/NTM ETC1-OM3910STM/NTM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM3911NTM ETC1-OM3911NTM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM3911STM ETC1-OM3911STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
More results

Similar Description - OM3914STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1327SMM ETC-OM1327SMM Datasheet
53Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
OM1323 ETC1-OM1323 Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com