Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34192-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34192-48
Description  SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length Using RG400 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34192-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34192-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34192-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34192-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34192-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: SMA Female Bulkhead
• Cable Type: RG400
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
69.5
%
Capacitance
32 [104.99]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2.5
5
12.4
GHz
Insertion Loss (Typ.)
0.559
0.788
1.108
1.64
dB
.
Mechanical Specifications
Cable Assembly
Length*
48 in [121.92 cm]
Diameter
0.315 in [8 mm]
.
Weight
0.214 lbs [97.07 g]
Cable
Cable Type
RG400
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length Using RG400 Coax
PE34192-48
PE34192-48 REV 1.1
SMA Male Right Angle to SMA Female Bulkhead
Cable 48 Inch Length Using RG400 Coax
RF Cable Assemblies Technical Data Sheet
PE34192-48


Similar Part No. - PE34192-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34192-12 PASTERNACK-PE34192-12 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 12 Inch Length Using RG400 Coax
PE34192-18 PASTERNACK-PE34192-18 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 18 Inch Length Using RG400 Coax
PE34192-24 PASTERNACK-PE34192-24 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 24 Inch Length Using RG400 Coax
PE34192-36 PASTERNACK-PE34192-36 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax
PE34192-6 PASTERNACK-PE34192-6 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 6 Inch Length Using RG400 Coax
More results

Similar Description - PE34192-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34192LF-48 PASTERNACK-PE34192LF-48 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 48 Inch Length Using RG400 Coax, RoHS
PE34192-6 PASTERNACK-PE34192-6 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 6 Inch Length Using RG400 Coax
PE34192-18 PASTERNACK-PE34192-18 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 18 Inch Length Using RG400 Coax
PE34192-60 PASTERNACK-PE34192-60 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length Using RG400 Coax
PE34192-24 PASTERNACK-PE34192-24 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 24 Inch Length Using RG400 Coax
PE34192-36 PASTERNACK-PE34192-36 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax
PE34192-72 PASTERNACK-PE34192-72 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 72 Inch Length Using RG400 Coax
PE34192-12 PASTERNACK-PE34192-12 Datasheet
445Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 12 Inch Length Using RG400 Coax
PE34192LF-36 PASTERNACK-PE34192LF-36 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG400 Coax, RoHS
PE34192LF-60 PASTERNACK-PE34192LF-60 Datasheet
446Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length Using RG400 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com