Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3-2R2K-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L3-2R2K-10
Description  Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L3-2R2K-10 Datasheet(HTML) 5 Page - Superworld Electronics

  L3-2R2K-10 Datasheet HTML 1Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 2Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 3Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 4Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 5Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 6Page - Superworld Electronics L3-2R2K-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Chip Inductors – L3 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P5
9. Packaging Information
9-1 Reel Dimension
Type
A (mm)
B (mm)
C (mm)
D (mm)
7” x 8mm
9.0 ± 0.5
60.0 ± 2.0
13.5 ± 0.5
178.0± 2.0
9-2 Tape Dimension
Material of taping is paper
Size
Bo(mm)
Ao(mm)
Ko(mm)
P(mm)
t(mm)
201209
2.10±0.05
1.30±0.05
0.95±0.05
4.0±0.10
0.95±0.05


Similar Part No. - L3-2R2K-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L3-2R2 SUPERWORLD-L3-2R2 Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L3-2R2-10 SUPERWORLD-L3-2R2-10 Datasheet
182Kb / 7P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L3-2R2K-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com