Electronic Components Datasheet Search |
|
SPS-73120W-D21G Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPS-73120W-D21G Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 6 page Optoway SPS-73120W-DXXG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com. http: // www.optoway.com 7/5/2017 V1.0 1 SPS-73120W-DXXG (RoHS Compliant) 1.25Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER *********************************************************************************************************************************************************************** FEATURES Hot-Pluggable SFP Footprint LC Optical Transceiver Small Form-Factor Pluggable (SFP) MSA compatible Compliant with IEEE 802.3z Gigabit Ethernet Compliant with Fibre Channel FC-PI 100-SM-LL-V Distance up to 120km Temperature-stabilized DWDM DML Transmitter 32 dB Power Budget at Least 100 GHz ITU Grid, C Band SFF-8472 Digital Diagnostic Function AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS 6/6 Compliant 0 to 70oC Operation Class 1 Laser International Safety Standard IEC-60825 Compliant APPLICATIONS Gigabit Ethernet Switches and Routers Fibre Channel Switch Infrastructure XDSL Applications Metro Edge Switching CPRI option 2: 1228.8 Mbit/s CPRI option 1: 614.4 Mbit/s OBSAI 768 MBaud DESCRIPTION The SPS-73120W-DXXG series single mode transceiver is a small form factor pluggable module for bi-directional serial optical data communications such as Gigabit Ethernet 1000BASE-ZX and Fibre Channel FC-PI 100-SM-LL-V. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. This module is designed for single mode fiber and operates at a nominal wavelength of 100GHz ITU Grid, C Band DWDM wavelength. A guaranteed minimum optical link budget of 32 dB is offered. The transmitter section uses temperature-stabilized DWDM directly modulated laser (DML) and is class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs Avalanche photodetector preamplifier mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. |
Similar Part No. - SPS-73120W-D21G |
|
Similar Description - SPS-73120W-D21G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |