Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-53160W-DXXG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-53160W-DXXG
Description  Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-53160W-DXXG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-53160W-DXXG Datasheet HTML 1Page - Optoway Technology Inc SPS-53160W-DXXG Datasheet HTML 2Page - Optoway Technology Inc SPS-53160W-DXXG Datasheet HTML 3Page - Optoway Technology Inc SPS-53160W-DXXG Datasheet HTML 4Page - Optoway Technology Inc SPS-53160W-DXXG Datasheet HTML 5Page - Optoway Technology Inc SPS-53160W-DXXG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Optoway
SPS-53160W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.
http: // www.optoway.com
7/5/2017 V1.0
2
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Spacing
(GHz)
Wavelength
(nm)
Package
Temp
(oC)
RoHS
Compliant
SPS-53160W-DXXG
622
160
100
DWDM*
LC SFP with DMI
0 to 70
Yes
*: XX: 100GHz ITU Grid wavelength (Please see below)
Channel #
Product code
Frequency (THz)
Center Wavelength (nm)
Label
20
SPS-53160W-D20G
192.0
1561.42
D20
21
SPS-53160W-D21G
192.1
1560.61
D21
22
SPS-53160W-D22G
192.2
1559.79
D22
23
SPS-53160W-D23G
192.3
1558.98
D23
24
SPS-53160W-D24G
192.4
1558.17
D24
25
SPS-53160W-D25G
192.5
1557.36
D25
26
SPS-53160W-D26G
192.6
1556.55
D26
27
SPS-53160W-D27G
192.7
1555.75
D27
28
SPS-53160W-D28G
192.8
1554.94
D28
29
SPS-53160W-D29G
192.9
1554.13
D29
30
SPS-53160W-D30G
193.0
1553.33
D30
31
SPS-53160W-D31G
193.1
1552.52
D31
32
SPS-53160W-D32G
193.2
1551.72
D32
33
SPS-53160W-D33G
193.3
1550.92
D33
34
SPS-53160W-D34G
193.4
1550.12
D34
35
SPS-53160W-D35G
193.5
1549.32
D35
36
SPS-53160W-D36G
193.6
1548.51
D36
37
SPS-53160W-D37G
193.7
1547.72
D37
38
SPS-53160W-D38G
193.8
1546.92
D38
39
SPS-53160W-D39G
193.9
1546.12
D39
40
SPS-53160W-D40G
194.0
1545.32
D40
41
SPS-53160W-D41G
194.1
1544.53
D41
42
SPS-53160W-D42G
194.2
1543.73
D42
43
SPS-53160W-D43G
194.3
1542.94
D43
44
SPS-53160W-D44G
194.4
1542.14
D44
45
SPS-53160W-D45G
194.5
1541.35
D45
46
SPS-53160W-D46G
194.6
1540.56
D46
47
SPS-53160W-D47G
194.7
1539.77
D47
48
SPS-53160W-D48G
194.8
1538.98
D48
49
SPS-53160W-D49G
194.9
1538.19
D49
50
SPS-53160W-D50G
195.0
1537.40
D50
51
SPS-53160W-D51G
195.1
1536.61
D51
52
SPS-53160W-D52G
195.2
1535.82
D52
53
SPS-53160W-D53G
195.3
1535.04
D53
54
SPS-53160W-D54G
195.4
1534.25
D54
55
SPS-53160W-D55G
195.5
1533.47
D55
56
SPS-53160W-D56G
195.6
1532.68
D56
57
SPS-53160W-D57G
195.7
1531.90
D57
58
SPS-53160W-D58G
195.8
1531.12
D58
59
SPS-53160W-D59G
195.9
1530.33
D59
60
SPS-53160W-D60G
196.0
1529.55
D60


Similar Part No. - SPS-53160W-DXXG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53160W-CXX0G OPTOWAY-SPS-53160W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160W-CXX0G OPTOWAY-SPS-53160W-CXX0G Datasheet
150Kb / 5P
   3.3V / CWDM / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160W-CXX0G OPTOWAY-SPS-53160W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160W-CXX0G OPTOWAY-SPS-53160W-CXX0G_15 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160W-CXX0G_2015 OPTOWAY-SPS-53160W-CXX0G_2015 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-53160W-DXXG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33160W-DXXG OPTOWAY-SPS-33160W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200W-DXXG OPTOWAY-SPS-73200W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380W-DXXG OPTOWAY-SPS-7380W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200W-DXXG OPTOWAY-SPS-33200W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120W-DXXG OPTOWAY-SPS-33120W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120W-DXXG OPTOWAY-SPS-53120W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160W-DXXG OPTOWAY-SPS-73160W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340W-CXX0G_2015 OPTOWAY-SPS-2340W-CXX0G_2015 Datasheet
181Kb / 5P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200W-DXXG OPTOWAY-SPS-53200W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350W-DXXG OPTOWAY-SPS-7350W-DXXG Datasheet
259Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com