Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-33240W-D20G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPS-33240W-D20G
Description  Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-33240W-D20G Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPS-33240W-D20G Datasheet HTML 1Page - Optoway Technology Inc SPS-33240W-D20G Datasheet HTML 2Page - Optoway Technology Inc SPS-33240W-D20G Datasheet HTML 3Page - Optoway Technology Inc SPS-33240W-D20G Datasheet HTML 4Page - Optoway Technology Inc SPS-33240W-D20G Datasheet HTML 5Page - Optoway Technology Inc SPS-33240W-D20G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPS-33240W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.
http: // www.optoway.com
7/5/2017 V1.0
3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
Operating Case Temperature
Topr
0
70
oC
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
70
oC
Relative Humidity
RH
5
85
% / Non-condensing
Power Supply Current
ICC (TX+RX)
430
mA
Data Rate
125/155
200
Mb/s
Transmitter Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Average Launch Power
Po, AVG
+5
---
+8
dBm
1
Center Wavelength Spacing
100
GHz
2
Transmitter Center Wavelength
-- over life time
c
X-100
X
X+100
pm
3
Output Spectrum Width

---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
10
---
---
dB
Optical Rise Time
tr
2
ns
10% to 90% Values
Optical Fall Time
tf
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Data Input Current -- Low
IIL
-350
μA
Data Input Current -- High
IIH
350
μA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage -- Low
TDIS, L
0
0.5
V
4
TX Disable Input Voltage -- High
TDIS, H
2.0
Vcc
V
4
TX Disable Assert Time
TASSERT
10
μs
TX Disable Deassert Time
TDEASSERT
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.8
V
5
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
5
1. Output power is power coupled into a 9/125
m single-mode fiber.
2. Corresponds to approximately 0.8 nm.
3. X = specified ITU Grid wavelength
4. There is an internal 4.7K to 10K ohm pull-up resister to VccTX.
5. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
Sens
-45
dBm
6
Maximum Input Power
Pin
-10
dBm
6
Signal Detect -- Asserted
PA
---
-45
dBm
Transition: low to high
Signal Detect -- Deasserted
PD
-55
---
---
dBm
Transition: high to low
Signal Detect – Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1620
nm


Similar Part No. - SPS-33240W-D20G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33240W-CXX0G OPTOWAY-SPS-33240W-CXX0G Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240W-CXX0G OPTOWAY-SPS-33240W-CXX0G_15 Datasheet
152Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240W-CXX0G_2015 OPTOWAY-SPS-33240W-CXX0G_2015 Datasheet
152Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-33240W-D20G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33160W-DXXG OPTOWAY-SPS-33160W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160W-DXXG OPTOWAY-SPS-53160W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200W-DXXG OPTOWAY-SPS-73200W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380W-DXXG OPTOWAY-SPS-7380W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200W-DXXG OPTOWAY-SPS-33200W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120W-DXXG OPTOWAY-SPS-33120W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120W-DXXG OPTOWAY-SPS-53120W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160W-DXXG OPTOWAY-SPS-73160W-DXXG Datasheet
264Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340W-CXX0G_2015 OPTOWAY-SPS-2340W-CXX0G_2015 Datasheet
181Kb / 5P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200W-DXXG OPTOWAY-SPS-53200W-DXXG Datasheet
263Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350W-DXXG OPTOWAY-SPS-7350W-DXXG Datasheet
259Kb / 6P
   Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com