Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWVH8G-Q2OO-4M6N-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWVH8G-Q2OO-4M6N-1
Description  Signal and Symbol Luminary
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWVH8G-Q2OO-4M6N-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWVH8G-Q2OO-4M6N-1 Datasheet HTML 7Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 8Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 9Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 10Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 11Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 12Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 13Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 14Page - OSRAM GmbH LWVH8G-Q2OO-4M6N-1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 2.1
LW VH8G
2016-03-01
11
Relative Forward Voltage 8) page 22
Relative Vorwärtsspannung 8) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 8) page 22
Relative Lichtstärke 8) Seite 22
IV/IV(25)°C = f(Tj); IF = 5 mA
Chromaticity Coordinate Shift 8) page 22
Farbortverschiebung 8) Seite 22
ΔCx, ΔCy = f(Tj); IF = 5 mA
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
Tj
100
OHL02397
V
F
V
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4
LW VH8G
-40
-20
0
20
40
60
80
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: Cx
: Cy


Similar Part No. - LWVH8G-Q2OO-4M6N-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWVH8G-Q2OO-4M6N-1 OSRAM-LWVH8G-Q2OO-4M6N-1 Datasheet
964Kb / 23P
   SMT package
More results

Similar Description - LWVH8G-Q2OO-4M6N-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com