Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCN7N Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWCN7N
Description  Day time running light
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCN7N Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWCN7N Datasheet HTML 1Page - OSRAM GmbH LUWCN7N Datasheet HTML 2Page - OSRAM GmbH LUWCN7N Datasheet HTML 3Page - OSRAM GmbH LUWCN7N Datasheet HTML 4Page - OSRAM GmbH LUWCN7N Datasheet HTML 5Page - OSRAM GmbH LUWCN7N Datasheet HTML 6Page - OSRAM GmbH LUWCN7N Datasheet HTML 7Page - OSRAM GmbH LUWCN7N Datasheet HTML 8Page - OSRAM GmbH LUWCN7N Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2017-09-11
4
Version 1.8
LUW CN7N
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 22
Farbkoordinaten nach CIE 1931 2) Seite 22
(typ.)
(typ.)
Cx
Cy
0.32
0.32
-
-
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
∆λ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
80
°
Forward voltage 3) page 22
Durchlassspannung 3) Seite 22
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.40
3.80
V
V
V
Real thermal resistance junction / solder point
4) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 22
(typ.)
(max.)
Rth JS real
Rth JS real
18
20
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LUWCN7N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCN7N-KXLX-EMKM-46 OSRAM-LUWCN7N-KXLX-EMKM-46 Datasheet
718Kb / 23P
   Automotive Interior Lighting
More results

Similar Description - LUWCN7N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
   Day time running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
   Day time running light
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
   Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
   Day time running light
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
   LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
   LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
   LED fog light with daytime running light functionality
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
   CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
   LED fog light with daytime running light functionality
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com