Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8877 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8877
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8877 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8877_17 Datasheet HTML 1Page - ON Semiconductor NCV8877_17 Datasheet HTML 2Page - ON Semiconductor NCV8877_17 Datasheet HTML 3Page - ON Semiconductor NCV8877_17 Datasheet HTML 4Page - ON Semiconductor NCV8877_17 Datasheet HTML 5Page - ON Semiconductor NCV8877_17 Datasheet HTML 6Page - ON Semiconductor NCV8877_17 Datasheet HTML 7Page - ON Semiconductor NCV8877_17 Datasheet HTML 8Page - ON Semiconductor NCV8877_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCV8877
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 3.6 V < VOUT < 40 V, unless otherwise specified) Min/Max values are
guaranteed by test, design or statistical correlation.
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL
Quiescent Current, Sleep Mode
Iq,sleep
VOUT = 13.2 V, TJ = 25°C, DISB = 0 V
12
14
mA
Quiescent Current, No switching
Iq,off
Into VOUT pin, VOUT,reg < VOUT <
VOUT,des, No switching
2.2
4.0
mA
OSCILLATOR
Switching Frequency
FSW
153
501
kHz
ROSC Voltage
VROSC
1.0
V
Switching Frequency
FSW
ROSC = Open
153
170
187
kHz
Default Switching
FSW
ROSC = Open
ROSC = 100 k
W
ROSC = 20 k
W
ROSC = 10 k
W
153
180
283
409
170
200
315
455
187
220
347
501
kHz
Minimum Pulse Width
ton,min
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
90
90
89
90
90
90
115
115
115
115
115
115
145
145
146
145
145
145
ns
Maximum Duty Cycle
Dmax
ROSC = OPEN
81
83
85
%
Slope Compensating Ramp
(Note 2)
Sa
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
30
46
45
46
46
46
34
53
53
53
53
53
38
60
61
60
60
60
mV/
ms
DISABLE
DISB Pull−down Current (Note 2)
IDIS
VDIS = 5 V
0.6
1.0
mA
DISB Input High Voltage
Vd,ih
2.0
5.0
V
DISB Input High Voltage Hysteresis
Vd,hys
500
mV
DISB Input Low Voltage
Vd,il
0
800
mV
CURRENT SENSE AMPLIFIER
Low−Frequency Gain
Acsa
Input−to−output gain at dc, ISNS
≤ 1 V
0.9
1.0
1.1
V/V
Bandwidth
BWcsa
Gain of Acsa − 3 dB
2.5
MHz
ISNS Input Bias Current
Isns,bias
Out of ISNS pin
30
50
mA
Current Limit Threshold Voltage
Vcl
Voltage on ISNS pin
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
360
180
180
180
180
180
400
200
200
200
200
200
440
220
220
220
220
220
mV
Current Limit, Response Time (Note
2)
tcl
CL tripped until GDRV falling edge,
VISNS = Vcl(typ) + 60 mV
80
125
ns
Overcurrent Protection,
Threshold Voltage
%Vocp
Percent of Vcl
125
150
175
%
Overcurrent Protection,
Response Time (Note 2)
tocp
From overcurrent event, Until switching
stops, VISNS = VOCP + 40 mV
80
125
ns
VOLTAGE ERROR OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Transconductance
gm,vea
VOUT = ±100 mV
0.8
1.2
1.63
mS
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCV8877_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results

Similar Description - NCV8877_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com