Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8877 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8877
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8877 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8877_17 Datasheet HTML 2Page - ON Semiconductor NCV8877_17 Datasheet HTML 3Page - ON Semiconductor NCV8877_17 Datasheet HTML 4Page - ON Semiconductor NCV8877_17 Datasheet HTML 5Page - ON Semiconductor NCV8877_17 Datasheet HTML 6Page - ON Semiconductor NCV8877_17 Datasheet HTML 7Page - ON Semiconductor NCV8877_17 Datasheet HTML 8Page - ON Semiconductor NCV8877_17 Datasheet HTML 9Page - ON Semiconductor NCV8877_17 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCV8877
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 3.6 V < VOUT < 40 V, unless otherwise specified) Min/Max values are
guaranteed by test, design or statistical correlation.
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
VOLTAGE REGULATION
Threshold IC Enable
VOUT descending
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
7.10
7.10
8.82
10.36
10.65
12.64
7.30
7.30
9.11
10.65
10.95
13.00
7.50
7.50
9.39
10.94
11.29
13.36
V
Threshold IC Disable
VOUT ascending
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
7.55
7.55
9.33
10.96
11.27
13.40
7.75
7.75
9.62
11.25
11.57
13.75
7.95
7.95
9.91
11.54
11.86
14.10
V
Threshold IC Enable – Voltage Reg-
ulation
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
0.32
0.32
0.33
0.39
0.40
0.52
0.5
0.5
0.5
0.6
0.6
0.8
V
Threshold IC Disable – Threshold
IC Enable
NCV887700
NCV887701
NCV887711
NCV887720
NCV887721
NCV887740
0.4
0.4
0.4
0.5
0.5
0.7
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCV8877_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887701D1R2G ONSEMI-NCV887701D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
More results

Similar Description - NCV8877_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com