Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP12600AAASN65T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP12600AAASN65T1G
Description  Multi-Mode Controller for Offline Power Supplies
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12600AAASN65T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP12600AAASN65T1G Datasheet HTML 5Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 6Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 7Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 8Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 9Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 10Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 11Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 12Page - ON Semiconductor NCP12600AAASN65T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NCP12600
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 9.
Figure 10.
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0.8
0.9
1.1
1.2
1.3
1.5
1.6
125
100
75
50
25
0
−25
−50
2.00
2.10
2.20
Figure 11.
Figure 12.
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
75
125
50
25
0
−25
−50
0.90
1.00
1.05
1.10
1.15
1.20
100
75
50
125
25
0
−25
−50
1.80
1.82
1.86
1.88
1.90
1.94
1.96
2.00
Figure 13.
Figure 14.
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
75
125
50
25
0
−25
−50
0.290
0.295
0.300
0.305
0.310
0.315
0.320
100
75
50
125
25
0
−25
−50
1.09
1.10
1.11
1.12
1.13
1.14
1.0
1.4
2.05
2.15
0.95
1.84
1.92
1.98
FSW = 65 kHz
FSW = 65 kHz
FSW = 100 kHz


Similar Part No. - NCP12600AAASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12601 ONSEMI-NCP12601 Datasheet
1Mb / 35P
   Multi-Mode Controller with HV Section for Offline Power Supplies
July, 2020 ??Rev. 1
NCP12601AAD1R2G ONSEMI-NCP12601AAD1R2G Datasheet
1Mb / 35P
   Multi-Mode Controller with HV Section for Offline Power Supplies
July, 2020 ??Rev. 1
More results

Similar Description - NCP12600AAASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12601 ONSEMI-NCP12601 Datasheet
1Mb / 35P
   Multi-Mode Controller with HV Section for Offline Power Supplies
July, 2020 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
logo
STMicroelectronics
L6566B STMICROELECTRONICS-L6566B Datasheet
485Kb / 51P
   Multi-mode controller for SMPS
L6566B STMICROELECTRONICS-L6566B_08 Datasheet
536Kb / 51P
   Multi-mode controller for SMPS
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
   Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com