Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP11367BBDBYDBR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP11367BBDBYDBR2G
Description  High Voltage Primary Side PWM Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP11367BBDBYDBR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP11367BBDBYDBR2G Datasheet HTML 4Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 5Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 6Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 7Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 8Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 9Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 10Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 11Page - ON Semiconductor NCP11367BBDBYDBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCP11367
www.onsemi.com
8
Table 3. ELECTRICAL CHARACTERISTICS
(VCC = 12 V, For typical values Tj = 25°C, for min/max values Tj = −40°C to +125°C, Max Tj = 150°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Condition
JITTERING
Peak Jitter Voltage Added to PWM
Comparator
Option 1
(other possible options on
demand)
Vjitter
45
60
75
mV
LINE FEED FORWARD
Line Feed Forward Compensation
Gain
KLFF
300
mA/V
FAULT PROTECTION
Controller Thermal Shutdown
Device switching (Fsw ~ 65
kHz) – Tj rising (Note 3)
TSHTDN(on)
130
°C
Thermal Shutdown Hysteresis
Device switching (Fsw ~ 65
kHz) − Tj falling
TSHTDN(off)
100
°C
Number of Drive Cycle Before
Triggering Short Circuit Protection
VComp = VComp(max),
VCS > VCS(stop)
Or Internal sampled Vout >
VOVP (Note 4)
T_count
4
Fault Level Detection for OVP
Internal sampled Vout
increasing
VOVP = Vref_CV2+26%
VOVP
2.95
3.15
3.35
V
Fault Level Detection for UVP →
Double Hiccup Autorecovery
(UVP Detection is Disabled During
TEN_UVP)
Internal sampled VOUT de-
creasing
VUVP
1.40
1.50
1.60
V
Blanking Time for UVP Detection
Starting after the Soft start
Option 1 − 5000 mF capaci-
tive loading (other possible
options on demand)
TEN_UVP
76
ms
Pull−up Current Source on CS Pin
for Open or Short Circuit Detection
When VCS > VCS_min
ICS
60
mA
CS Pin Open Detection
CS Pin open
VCS(open)
1.2
V
CS Pin Short Detection
VCS_min
50
70
mV
CS Pin Short Detection Timer
(Note 4)
TCS_short
3
ms
CABLE DROP COMPENSATION
Offset applied on Vref_CV1 at the
maximum constant current
Valid for 12 V output only
Option A
Option B
Option C
Option D
CBC
None
200
250
300
mV
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. The timer can be reset if there are 4 DRV cycles without overload or short circuit conditions.
3. The value is not subjected to production test, verified by design and characterization. The thermal shutdown temperature refers to the
junction temperature of the controller in order to keep the junction temperature of the power MOSFET below its maximum rating junction
temperature. Thermal Shut Down level will be adjusted after the Silicon evaluation.
4. Guaranteed by Design.


Similar Part No. - NCP11367BBDBYDBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1136AP100G ONSEMI-NCP1136AP100G Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1136AP65G ONSEMI-NCP1136AP65G Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1136BP100G ONSEMI-NCP1136BP100G Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1136BP65G ONSEMI-NCP1136BP65G Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
More results

Similar Description - NCP11367BBDBYDBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP11377 ONSEMI-NCP11377 Datasheet
562Kb / 30P
   High Voltage Primary Side High Voltage Primary Side
January, 2018 ??Rev. P2
logo
Diodes Incorporated
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
   PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
ON Semiconductor
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com