Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1622BECSNT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1622BECSNT1G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1622BECSNT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1622BECSNT1G Datasheet HTML 3Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 4Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 5Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 6Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 7Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 8Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 9Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 10Page - ON Semiconductor NCP1622BECSNT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP1622
www.onsemi.com
7
Table 6. TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 18 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 1)
Symbol
Unit
Max
Typ
Min
Rating
Feed−back Over and Under−Voltage Protections (OVP and UVP)
RsoftOVP
Ratio (Soft OVP Threshold, VFB rising) over VREF (or VREF2)
(guaranteed by design)
105
%
RsoftOVP(HYST)
Ratio (Soft OVP Hysteresis) over VREF (or VREF2)
(guaranteed by design)
1.87
%
RfastOVP
Ratio (Fast OVP Threshold, VFB rising) over VREF (or VREF2)
(guaranteed by design)
107
%
RfastOVP(HYST)
Ratio (Fast OVP Hysteresis) over VREF (or VREF2)
(guaranteed by design)
4.0
%
VUVPH
UVP Threshold, VFB increasing
477
530
583
mV
VUVPL
UVP Threshold, VFB decreasing
252
303
357
mV
VUVP(HYST)
UVP Hysteresis
200
225
250
mV
IB,FB
FB pin Bias Current @ VFB = VOVP and VFB = VUVP
50
200
450
nA
Brown−Out Protection and Feed−Forward ( Vsns is an internal pin that replaces Vsense)
VBOH
Brown−Out Threshold Vmains increasing, VFB based
([C**] and [D**] versions)
754
819
894
mV
VBOL
Brown−Out Threshold, Vmains decreasing, avg(VCS) based
([C**] and [D**] versions)
659
737
801
mV
VBO(HYST)
Brown−Out Comparator Hysteresis
([C**] and [D**] versions)
75
100
mV
tBO(blank)
Brown−Out Blanking Time
([C**] and [D**] versions)
36
50
67
ms
IVCTRL(BO)
VCTRL pin sink current during BO condition
20
30
42
mA
VHL
Comparator Threshold for Line Range Detection, avg(VCS) rising
1.605
1.690
1.774
V
VLL
Comparator Threshold for Line Range Detection, avg(VCS) falling
1.406
1.480
1.554
V
VHL(hyst)
Comparator Hysteresis for Line Range Detection
75
100
mV
tHL(blank)
Blanking Time for Line Range Detection
13
25
43
ms
Thermal Shutdown
TLIMIT
Thermal Shutdown Threshold
150
°C
HTEMP
Thermal Shutdown Hysteresis
50
°C
Second Overvoltage Protection (OVP2)
VOVP2H,HL
OVP2 Threshold, VCS rising, KCS = 138 , @VREF2 = 2.5 V
3.048
3.175
3.302
V
VOVP2L,HL
OVP2 Threshold, VCS falling, KCS = 138, @VREF2 = 2.5 V
2.969
3.093
3.217
V
VOVP2(HYST),HL
OVP2 Comparator Hysteresis, KCS = 138, @VREF2 = 2.5 V
50
100
mV
tLEB,OVP2
OVP2 Leading Edge Blanking Time, VCS rising (guaranteed by design)
1000
ns
tRST(OVP2)
Reset Timer for OVP2 latch
400
800
1200
ms
1. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit char-
acterization has been performed.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP1622BECSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623ADR2G ONSEMI-NCP1623ADR2G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623ASNT1G ONSEMI-NCP1623ASNT1G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623CDR2G ONSEMI-NCP1623CDR2G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
More results

Similar Description - NCP1622BECSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com