Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1622 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1622
Description  Enhanced, High-Efficiency Power Factor Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1622 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1622 Datasheet HTML 1Page - ON Semiconductor NCP1622 Datasheet HTML 2Page - ON Semiconductor NCP1622 Datasheet HTML 3Page - ON Semiconductor NCP1622 Datasheet HTML 4Page - ON Semiconductor NCP1622 Datasheet HTML 5Page - ON Semiconductor NCP1622 Datasheet HTML 6Page - ON Semiconductor NCP1622 Datasheet HTML 7Page - ON Semiconductor NCP1622 Datasheet HTML 8Page - ON Semiconductor NCP1622 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP1622
www.onsemi.com
4
Table 5. MAXIMUM RATINGS TABLE
Symbol
Pin
Rating
Value
Units
VCTRL
1
VCONTROL pin
−0.3, Vctrl,max(*)
V
CS/ZCD
3
CS/ZCD Pin
−0.3, +9
V
DRV
4
Driver Voltage
Driver Current
−0.3, VDRV (*)
−500, +800
V
mA
VCC
5
Power Supply Input
−0.3, + 30
V
VCC
5
Maximum (dV/dt) that can be applied to VCC
TBD upon test engineer
measurements
V/s
FB
6
Feedback Pin
−0.3, +9
V
PD
RqJA
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction to Air
550
145
mW
°C/W
TJ
Operating Junction Temperature Range
−40 to+125
°C
TJ,max
Maximum Junction Temperature
150
°C
TS,max
Storage Temperature Range
−65 to 150
°C
TL,max
Lead Temperature (Soldering, 10 s)
300
°C
MSL
Moisture Sensitivity Level
1
ESD Capability
Human Body Model per JEDEC Standard JESD22−A114F
Charge Device Model per JEDEC Standard JESD22−C101F
Machine Model per JEDEC Standard JESD22−A115C
3000
1000
200
V
Latch−Up Protection per JEDEC Standard JESD78
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
*“Vctrl,max” is the VCTRL pin clamp voltage. “VDRV” is the DRV clamp voltage (VDRVhigh) if VCC is higher than (VDRVhigh). “VDRV” is VCC otherwise.
Table 6. TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 18 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 1)
Symbol
Rating
Min
Typ
Max
Unit
Start−up and Supply Circuit
VCC,on
Start−Up Threshold, VCC increasing:
[**C] Versions
[**A] Versions
9.75
15.80
10.50
17.00
11.25
18.20
V
VCC,off
Minimum Operating Voltage, VCC falling
8.50
9.00
9.50
V
VCC,hyst
Hysteresis (VCC,on − VCC,off)
[**C] Versions
[**A] Versions
0.75
6.00
1.50
8.00
V
ICC,start
Start−Up Current, VCC = 9.4 V, below startup voltage
70
mA
ICC,op1
Operating Consumption, no switching.
0.5
1.00
mA
ICC,op2
Operating Consumption, 50−kHz switching, no load on DRV pin
2.00
3.00
mA
Frequency Fold−back Dead Time for configurations L2= A,B,C,D,E,F,G,H,I,J,K,L
tDT,A,1
Dead−Time, Vctrl = 0.65V w/ A config
2.00
2.67
3.5
ms
tDT,A,2
Dead−Time, Vctrl = 0.75V w/ A config
0.51
0.68
0.85
ms
tDT,B,1
Dead−Time, Vctrl = 0.65V w/ B config
5.73
7.64
9.55
ms
tDT,B,2
Dead−Time, Vctrl = 0.75V w/ B config
2.91
3.88
4.85
ms
tDT,C,1
Dead−Time, Vctrl = 0.65V w/ C config
8.90
11.87
14.84
ms
tDT,C,2
Dead−Time, Vctrl = 0.75V w/ C config
5.69
7.58
9.48
ms
1. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit char-
acterization has been performed.


Similar Part No. - NCP1622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623ADR2G ONSEMI-NCP1623ADR2G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623ASNT1G ONSEMI-NCP1623ASNT1G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCP1623CDR2G ONSEMI-NCP1623CDR2G Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
More results

Similar Description - NCP1622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com